Electronic Components Datasheet Search
  English  ▼

X  

SSC2016S Datasheet(PDF) 14 Page - Sanken electric

Part # SSC2016S
Description  Critical Conduction Mode PFC Control IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2016S Datasheet(HTML) 14 Page - Sanken electric

Back Button SSC2016S Datasheet HTML 10Page - Sanken electric SSC2016S Datasheet HTML 11Page - Sanken electric SSC2016S Datasheet HTML 12Page - Sanken electric SSC2016S Datasheet HTML 13Page - Sanken electric SSC2016S Datasheet HTML 14Page - Sanken electric SSC2016S Datasheet HTML 15Page - Sanken electric SSC2016S Datasheet HTML 16Page - Sanken electric SSC2016S Datasheet HTML 17Page - Sanken electric SSC2016S Datasheet HTML 18Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
SSC2016S
SSC2016S - DSJ Rev.1.3
SANKEN ELECTRIC CO.,LTD.
14
Jul. 22, 2016
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO.,LTD. 2015
2) Operational Frequency, fSW(SET)
Determine fSW(SET) that is minimum operational
frequency at the peak of the AC line waveform. The
frequency becomes higher with lowering the input
voltage. The frequency at the peak of the AC line
waveform, fSW(SET) should be set more than the
audible frequency (20 kHz).
3) Inductance, LP
Substituting both minimum and maximum of AC
input voltage to VACRMS, choose a smaller one as LP
value. LP is calculated as follows:
LP=η×VACRMS2×�VOUT−√2×VACRMS�
2×POUT×fSW(SET)×VOUT (H) (4)
where
VACRMS: Maximum or minimum AC input voltage rms
value (V)
POUT: Output Power (W)
fSW(SET): Minimum operational frequency at the peak of
the AC line waveform (kHz)
(The operational frequency becomes lowest at the peak
of the AC line waveform. fSW(SET) should be set above
frequency of 20 kHz.)
η: Efficiency of PFC
(In general, the range of
η is 0.90 to 0.97, depending on
on-resistance of power MOSFET RDS(ON) and forward
voltage drop of rectifier diode VF.)
4) Inductor peak current, ILP
ILP is peak current at the minimum of AC input
voltage waveform. ILP calculated as follows:
ILP= 2√2×POUT
η×VACRMS(MIN)(A)
(5)
where,
POUT : Output power (W)
VACRMS(MIN) : Minimum AC input voltage rms value (V)
η : Efficiency of PFC (About 0.90 to 0.97)
5) Maximum On-time, tON(SET)MAX
tON(MAX)_OP is calculated by Equation (6) with results
of Equation (4) and Equation (5). tON(MAX)_OP is the
maximum on time of the peak voltage of the
minimum AC input voltage.
tON(MAX)_OP= LP×IP
√2×VACRMS(MIN) (s) (6)
where,
LP : Inductance value of the result of Equation (4)
VACRMS(MIN) : Minimum AC input voltage rms value (V)
Equation
(7)
shows
the
relationship
between
maximum on time, tON(MAX), and CT pin capacitor, C4
(see Section 8.4). C4 should be set so as tON(MAX) is
larger than tON(MAX)_OP that is calculated by Equation
(6). The value of C4 is about 330 pF to 1500 pF
tON(MAX)=C4×VCT(OFF)
|ICT| (s)
(7)
where
C4: Capacitance of capacitor connected to CT pin
(
μF)
VCT(OFF): CT Pin Threshold Voltage (V)
ICT: CT Pin Source Current (
μA)
9.1.2
Auxiliary Winding, D
Figure 9-1 shows the polarity of boost winding P and
auxiliary winding D.
VOUT
GND
6
OUT
DFW
T1
R1
ZCD
5
CT
2
C6
C4
U1
C1
D
P
7
Q1
RCS
Figure 9-1.
ZCD Peripheral Circuit
Given the number of windings of each winding as NP
and ND, the turn ratio ND/NP is set satisfying following
conditions.
The condition of ND/NP making ZCD pin voltage
above VZCD(H) = 1.40 V after power MOSFET turns off
is expressed as follows:
NDNP> VZCD(H)
VOUT−√2×VACRMS(MAX)
(8)
where
NP: The number of turns of boost winding P (turns)
ND: The number of turns of auxiliary winding D (turns)
VOUT: Output voltage (V)
VACRMS(MAX): Maximum AC input voltage rms value
(turns)
When power supply of VCC pin is suplied from
auxiliary winding as shown in Figure 9-2, the condition
of ND/NP is set to larger rate of Equation (8) or Equation
(9).
The maximum VCC pin input voltage is limited by
the zener voltage of DZVCC. The minimum VCC pin
input voltage must be set higher than the maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com