Electronic Components Datasheet Search
  English  ▼

X  

SSC2016S Datasheet(PDF) 16 Page - Sanken electric

Part # SSC2016S
Description  Critical Conduction Mode PFC Control IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2016S Datasheet(HTML) 16 Page - Sanken electric

Back Button SSC2016S Datasheet HTML 12Page - Sanken electric SSC2016S Datasheet HTML 13Page - Sanken electric SSC2016S Datasheet HTML 14Page - Sanken electric SSC2016S Datasheet HTML 15Page - Sanken electric SSC2016S Datasheet HTML 16Page - Sanken electric SSC2016S Datasheet HTML 17Page - Sanken electric SSC2016S Datasheet HTML 18Page - Sanken electric SSC2016S Datasheet HTML 19Page - Sanken electric SSC2016S Datasheet HTML 20Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
SSC2016S
SSC2016S - DSJ Rev.1.3
SANKEN ELECTRIC CO.,LTD.
16
Jul. 22, 2016
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO.,LTD. 2015
RCS is calculated using the following Equation (11),
where
Overcurrent
Protection
Threshold
Voltage
VCS(OCP) is 0.500 V and ILP is calculated using Equation
(5).
RCS≤�VCS(OCP)�ILP(Ω)
(11)
The loss PRCS at RCS is calculated by Equation (13)
using Equation (12).
IDRMS= 2√2×POUT
η×VACRMS(MIN)
×�16−4√2×VACRMS(MIN)
9×π×VOUT (A) (12)
PRCS=IDRMS2×RCS(W)
(13)
Where
IDRMS: RMS Drain current (A)
VACRMS(MIN): Minimum AC input voltage rms value (V)
VOUT: Output voltage (V)
POUT: Output power (W)
η: Efficiency of PFC
The CR filter (R5 and C5) is connected to CS pin.
CR filter (R5 and C5) prevents IC from responding to
the drain current surge at MOSFET turn-on and avoids
the unstable operation of the IC.
R5 value of approximately 47
Ω is recommended,
since the CS Pin Source Current affects the accuracy of
OCP detection.
C5 value is reccommended to be calculated by using
following formula in which cut-off frequency of CR
filter (C5 and R5) is approximately 0.5 MHz to 3.0MHz.
C5= 1
2π×1×106×R5(F)
(14)
If R5 value is 47
Ω, C5 value is approximately
1000 pF to 6800 pF. C5 value should adjust based on
actual operation in application.
9.2.5
ZCD Pin Peripheral Circuit, R1 and
C6
R1 is for the limiting of the input and output current
to ZCD pin. The value of resistor R1 is determined so
that the ZCD pin current is smaller than the absolute
maximum rating. The recommended value of ZCD pin
current is less than 3 mA.
The R1 value is chosen to satisfy both Equation (15)
and Equation (16). In addition, the bottom-on timing is
set by C6 and R1 (See Section 8.5).
1) Limiting of ZCD pin source current (at Q1 ON
state)
R1>√2×VACRMS(MAX)×NDNP
3×10−3(A) (Ω)
(15)
Where
VACRMS(MAX): Maximum AC input voltage rms value
(V)
NP: The number of turns of boost winding P (turns)
ND: The number of turns of auxiliary winding D (turns)
2) Limiting of ZCD pin sink current (at Q1 OFF
state)
R1> VOUT×NDNP
3×10−3(A) (Ω)
(16)
Where
VOUT: Output voltage (V)
NP: The number of turns of boost winding P (turns)
ND: The number of turns of auxiliary winding D (turns)
9.2.6
OUT Pin Peripheral Circuit (Gate
Drive Circuit)
The OUT pin is the gate drive output that can drive
the external power MOSFET directly.
The maximum output voltage of OUT pin is the VCC
pin voltage. The maximum current is −500 mA for
source and 1000 mA for sink, respectively.
R3 is for source current limiting. Both R2 and D1 are
for
sink
current
limiting.
The
values
of
these
components are adjusted to decrease the ringing of Gate
pin voltage and the EMI noise. The reference value is
several ohms to several dozen ohms.
R4 is used to prevent malfunctions due to steep dv/dt
at turn-off of the power MOSFET, and the resistor is
connected near the MOSFET, between the gate and
source. The reference value of R4
is from 10 kΩ to 100
kΩ. R2, R3, D1 and R4 are affected by the printed
circuit board trace layout and the power MOSFET
capacitance. Thus, the optimal values should be adjusted
under actual operation of the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com