Electronic Components Datasheet Search
  English  ▼

X  

SSC2016S Datasheet(PDF) 12 Page - Sanken electric

Part # SSC2016S
Description  Critical Conduction Mode PFC Control IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2016S Datasheet(HTML) 12 Page - Sanken electric

Back Button SSC2016S Datasheet HTML 8Page - Sanken electric SSC2016S Datasheet HTML 9Page - Sanken electric SSC2016S Datasheet HTML 10Page - Sanken electric SSC2016S Datasheet HTML 11Page - Sanken electric SSC2016S Datasheet HTML 12Page - Sanken electric SSC2016S Datasheet HTML 13Page - Sanken electric SSC2016S Datasheet HTML 14Page - Sanken electric SSC2016S Datasheet HTML 15Page - Sanken electric SSC2016S Datasheet HTML 16Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
SSC2016S
SSC2016S - DSJ Rev.1.3
SANKEN ELECTRIC CO.,LTD.
12
Jul. 22, 2016
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO.,LTD. 2015
OSC
VOUT
GND
6
1.40V
/0.70V
OUT
7
DFW
T1
Q1
R1
ZCD
5
CT
2
C6
C4
U1
RCS
C1
D
P
VP
VD
Figure 8-9.
ZCD Pin Peripheral Circuit
0
0
0
OUT pin voltage
Primary winding P
voltage, VP
Auxiliary winding D
voltage, VD  
ZCD pin voltage
Drain to Source
voltage, VDS
Drain current, ID
Inductor current,
IL
L
H
L
H
L
Turn-on point
Turn-on
delay time
VZCD(H)
VZCD(L)
Figure 8-10.
Zero Current Detection Waveform
tDLY
Bottom-on
Free oscillation
Delay time is short.
Make R1 or C6 value larger.
Delay time is Long.
Make R1 or C6 value smaller.
Proper delay time
Figure 8-11.
VDS Turn On Timing
8.6
Maximum Switching Frequency
Limitation Function
In the CRM operation, the switching frequency of a
power MOSFET is varied in a period of sinusoidal AC
input voltage. The switching frequency is lowest in the
peak of AC input voltage and is high as getting close to
the bottom of it. In addition, when output load decreases,
the switching frequency increases entirely. In order to
reduce the switching loss, the IC has the Maximum
Switching Frequency Limitation Function that limits the
switching frequency to fMAX of 300 kHz.
8.7
Overcurrent Protection (OCP)
Figure 8-12 shows the CS pin peripheral circuit and
internal circuit. The inductor current, IL is detected by
the detection resistor, RCS. The detection voltage, VRCS,
is fed into CS pin. As shown in Figure 8-12, the CS pin
is connected to capacitor-resistor filter (R5 and C5).
The IC has two Overcurrent Protection (OCP)
threshold voltages.
● OCP1
When VRCS increases VCS(OCP1) = 0.500 V or more, the
output
of
the
OUT
pin
becomes
Low
by
pulse-by-pulse.
● OCP2
OCP2 is activated by malfunctions such as the short
of a boost diode, DFW. If the instantaneous large
current flows to a power MOSFET and the CS pin
voltage increases to VCS(OSP2) = 1.50 V or more and
this operation continues seven times, the output of
OUT pin is latched to low level.
Releasing the latched state is done by turning off the
input voltage and by dropping VCC pin voltage below
VCC(OFF).
VOUT
GND
6
OUT
7
DFW
T1
Q1
RCS
CS
4
R5
C5
VCS(OCP1)
= 0.500V
OCP1
C2
U1
P
D
VRCS
VCS(OCP2)
= 1.5V
OCP2
Figure 8-12.
The CS Pin Peripheral Circuit
and Internal Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com