Electronic Components Datasheet Search
  English  ▼

X  

SSC2016S Datasheet(PDF) 10 Page - Sanken electric

Part # SSC2016S
Description  Critical Conduction Mode PFC Control IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2016S Datasheet(HTML) 10 Page - Sanken electric

Back Button SSC2016S Datasheet HTML 6Page - Sanken electric SSC2016S Datasheet HTML 7Page - Sanken electric SSC2016S Datasheet HTML 8Page - Sanken electric SSC2016S Datasheet HTML 9Page - Sanken electric SSC2016S Datasheet HTML 10Page - Sanken electric SSC2016S Datasheet HTML 11Page - Sanken electric SSC2016S Datasheet HTML 12Page - Sanken electric SSC2016S Datasheet HTML 13Page - Sanken electric SSC2016S Datasheet HTML 14Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
SSC2016S
SSC2016S - DSJ Rev.1.3
SANKEN ELECTRIC CO.,LTD.
10
Jul. 22, 2016
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO.,LTD. 2015
voltage of AC line as a function of time.
As a result of aforementioned control shown in Figure
8-4, the peak current ILPEAK of the inductance current IL
becomes sinusoidal. Since the averaged input current
become similar to AC input voltage waveform by Low
Pass Filter at input stage, high power factor is achieved.
8.2
Startup Operation
Figure 8-5 and Figure 8-7 show the VCC pin
peripheral circuit. Figure 8-5 shows how to use an
external power supply. Figure 8-7 shows how to use an
auxiliary winding.
8.2.1
To Use an External Power Supply
When an external power supply shown in Figure 8-5
is used, the startup operation is as follows.
As shown in Figure 8-6, when VCC pin voltage rises
to the Operation Start Voltage VCC(ON) = 8.5 V, the
control circuit starts operation and the COMP pin
voltage increases. The COMP pin voltage increases to
the Zero Duty COMP Voltage VCOMP(ZD) = 0.65 V,
switching operation starts.
When
the
VCC
pin
voltage
decreases
to
VCC(OFF) = 7.5 V, the control circuit stops operation by
Undervoltage Lockout (UVLO) circuit, and reverts to
the state before startup.
Since the COMP pin voltage rises from zero during
startup period, the VCOMP signal shown in Figure 8-3
gradually rises
from low
voltage.
The
on-width
gradually increased to restrict the rise of output power
by the Softstart Function. Thus, the stress of the
peripheral component is reduced.
COMP
GND
U1
3
6
CP
CS
RS
C7
VCC
8
External
power supply
Figure 8-5.
VCC Pin Peripheral Circuit
(Power supply from external power supply)
ICC
VCC(OFF)
VCC(ON)
VCC pin
voltage
Figure 8-6.
Relationship between VCC Pin Voltage
and ICC
8.2.2
To Use an Auxiliary Winding
When an auxiliary winding is used as shown in Figure
8-7, CVCC is charged through RST at startup. When VCC
pin voltage rises to VCC(ON) = 8.5 V, the control circuit
starts operation.
Figure 8-8 shows the VCC pin voltage behavior
during startup period.
When the VCC pin voltage reaches VCC(ON), the
control circuit starts operation. Then the circuit current
increases and the VCC pin voltage decreases. At the
same time, the auxiliary winding voltage VD increases in
proportion to the output voltage. These are all balanced
to produce VCC pin voltage.
The value of CVCC, the turns ratio of boost winding P
and auxiliary winding D should be set so that VCC pin
voltage is maintained higher than VCC(OFF) (See Section
9.1.2).
If the values of RST and CVCC are large, the startup
time becomes longer. Adjustment is necessary in actual
operation.
When the COMP pin voltage increases to the Zero
Duty COMP Voltage VCOMP(ZD) = 0.65 V after the
control circuit starts operation, switching operation starts
and the circuit current is supplied from auxiliary
winding D as follows.
VB and VD are the voltage of auxiliary winding during
Q1 on and off, respectively.
When Q1 is on, CCP is charged by VB. When Q1 is off,
the capacitor connected to VCC pin, CVCC, is charged by
VD + VB (=VCCP).
VB is calculated using Equation (1).
VB=VIN×NDNP (V)
(1)
Where
VIN: C1 voltage (V)
NP: Number of turns of boost winding P (turns)
ND: Number of turns of auxiliary winding D (turns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com