Electronic Components Datasheet Search
  English  ▼

X  

SSC2016S Datasheet(PDF) 20 Page - Sanken electric

Part # SSC2016S
Description  Critical Conduction Mode PFC Control IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2016S Datasheet(HTML) 20 Page - Sanken electric

Back Button SSC2016S Datasheet HTML 14Page - Sanken electric SSC2016S Datasheet HTML 15Page - Sanken electric SSC2016S Datasheet HTML 16Page - Sanken electric SSC2016S Datasheet HTML 17Page - Sanken electric SSC2016S Datasheet HTML 18Page - Sanken electric SSC2016S Datasheet HTML 19Page - Sanken electric SSC2016S Datasheet HTML 20Page - Sanken electric SSC2016S Datasheet HTML 21Page - Sanken electric SSC2016S Datasheet HTML 22Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
SSC2016S
SSC2016S - DSJ Rev.1.3
SANKEN ELECTRIC CO.,LTD.
20
Jul. 22, 2016
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO.,LTD. 2015
10. Reference Design of Power Supply
As an example, the following show the power supply specification, the circuit schematic, the bill of materials, and
the transformer specification.
● Power Supply Specifications
IC
SSC2016S
Input Voltage
85V AC to 265VAC
Output Power
100 W (390V, 0.256 A)
Minimum Frequency
45 kHz
● Circuit Schematic
T1
C1
C4
VOUT
LINE
GND
D2
D1
P
D
D3
C8
C7
R1
R8
R3
R4
R5
R6
R16
C6
C10
C11
Q1
DB1
F1
VAC
L1
C3
1
2
4
VCC
OUT
CT
FB
CS
ZCD
8
7
5
SSC2016S
U1
COMP
3
GND
6
C9
C5
C2
R2
R7
R10
R11
R12
R13
R14
R15
R9
External Power
supply
● Bill of Materials
Symbol
Ratings
(1)
Recommended
Sanken Parts
Symbol
Ratings
(1)
Recommended
Sanken Parts
F1
Fuse, AC250 V, 4 A
R1
68 k
Ω
L1
(2)
CM inductor, 12 mH
R2
47
Ω
DB1
Bridge diode, 600 V, 4 A
R3
(2)
10
Ω
D1
600 V, 3 A
RM 4A
R4
(2)
100
Ω
D2
Fast recovery, 600 V, 5 A
FMX-G16S
R5
(2)
10 k
Ω
D3
Schottky, 40 V, 1 A
AK 04
R6
0.24
Ω, 1 W
C1
(2)
Film, 0.22
μF, 310 V
R7
0.24
Ω, 1 W
C2
(2)
Film, 0.22
μF, 310 V
R8
47 k
Ω
C3
Ceramic, 0.82
μF, 450V
R9
22 k
Ω, ± 1 %
C4
Electrolytic, 120
μF, 450 V
R10
(2)
2 k
Ω, ± 1 %
C5
Ceramic, 0.01
μF
R11
(3)
750 k
Ω, ± 1 %
C6
Ceramic, 1000 pF
R12
(3)
750 k
Ω, ± 1 %
C7
Ceramic, 0.47
μF
R13
(3)
750 k
Ω, ± 1 %
C8
Ceramic, 1
μF
R14
(3)
750 k
Ω, ± 1 %
C9
Ceramic, 3300 pF
R15
(2)(3) 750 k
Ω, ± 1 %
C10
(2)
Ceramic, Open
R16
(2)(3) 30 k
Ω, ± 1 %
C11
(2)
Ceramic, Open
T1
See the specification
Q1
Power MOSFET, 600 V,10A, < 0.75
Ω
U1
IC
SSC2016S
(1) Unless otherwise specified, the voltage rating of capacitor is 50 V or less and the power rating of resistor is 1/8 W or less.
(2) It is necessary to be adjusted based on actual operation in the application.
(3) Resistors applied high DC voltage and of high resistance are recommended to select resistors designed against electromigration or use
combinations of resistors in series for that to reduce each applied voltage, according to the requirement of the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com