Electronic Components Datasheet Search
  English  ▼

X  

SSC2016S Datasheet(PDF) 18 Page - Sanken electric

Part # SSC2016S
Description  Critical Conduction Mode PFC Control IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2016S Datasheet(HTML) 18 Page - Sanken electric

Back Button SSC2016S Datasheet HTML 14Page - Sanken electric SSC2016S Datasheet HTML 15Page - Sanken electric SSC2016S Datasheet HTML 16Page - Sanken electric SSC2016S Datasheet HTML 17Page - Sanken electric SSC2016S Datasheet HTML 18Page - Sanken electric SSC2016S Datasheet HTML 19Page - Sanken electric SSC2016S Datasheet HTML 20Page - Sanken electric SSC2016S Datasheet HTML 21Page - Sanken electric SSC2016S Datasheet HTML 22Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
SSC2016S
SSC2016S - DSJ Rev.1.3
SANKEN ELECTRIC CO.,LTD.
18
Jul. 22, 2016
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO.,LTD. 2015
9.2.9
Boost Diode, DFW
Choose a boost diode having proper margin of a peak
reverse voltage VRSM against output voltage VOUT.
A fast recovery diode is recommended to reduce the
switching noise and loss. Please ask our staff about our
lineup. The size of heat sink is chosen taking into
account some loss by VF and recovery current of boost
diode.
The loss of VF, PDFW is expressed as follows:
PDFW=VF×IOUT(W)
(20)
Where
VF: Forward voltage of boost diode (V)
IOUT: Out put current (A)
9.2.10 Bypass Diode, DBYP
Bypass diode protects the boost diode from a large
current such as an inrush current. A high surge current
tolerance diode is recommended. Please ask our staff
about our lineup.
9.2.11 Output Capacitor, C2
Apply proper design margin to accommodate the
ripple current, the ripple voltage and the temperature rise.
Use of high ripple current and low impedance types,
designed
for
switch-mode
power
supplies,
is
recommended, depending on their purposes.
In order to obtain C2 value CO, calculate both
Equation (21) and (23) described in following and select
a larger value.
1) Ripple voltage considered
C2= IOUT
2π×fLINE×VOUT(RI) (F)
(21)
Where
VOUTRIPPLE: C2 ripple voltage (10 VPP for example)
fLINE: Line frequency (Hz)
IOUT: Output current (A)
The C2 voltage is expressed Equation (22).
When the output ripple is high, the VC2 voltage may
reach to Overvoltage Protection voltage, VOVP in near
the maximum value of VC2, or input current waveform
may be distorted due to the stop of the boost operation
in near the minmum value of VC2. It is necessary to
select large CO value or change the setting of output
voltage (boost voltage).
VC2=VOUT±VOUT(RI)2 (V)
(22)
2) Output hold time considered
C2> 2×POUT×tHOLD
VOUT2−VOUT(MIN)2 (F)
(23)
Where
tHOLD: Output hold time (s)
VOUT(MIN) : Minmum output voltage of C2 during
output hold (V)
If tHOLD = 20 ms, PO = 200
W, η = 90 % and the
output voltage = 330 V to 390 V, C2 value is derived
as 205
μF. Thus, C2 value of approximately 220 μF is
connected.
9.3
PCB Trace Layout and Component
Placement
Since the PCB traces design and the component
layout significantly affects operation, EMI noise, and
power dissipation, the high frequency PCB trace should
be low impedance with small loop and wide trace.
In addition, the ground traces affect radiated EMI
noise, and wide, short traces should be taken into
account.
Figure 9-6 shows the circuit design example.
1) Main Circuit Trace
This is the main trace containing switching currents,
and thus it should be as wide trace and small loop as
possible.
2) Control Ground Trace Layout
Since the operation of IC may be affected from the
large current of the main trace that flows in control
ground trace, the control ground trace should be
separated from main trace and connected at a single
point grounding of point A in Figure 9-6 as close to
the RCS pin as possible.
3) RCS Trace Layout
RCS should be placed as close as possible to the
Source
pin
and
the
CS
pin.
The
peripheral
components of CS pin should be connected by
dedicated pattern from root of RCS.
The connection between the power ground of the
main trace and the IC ground should be at a single
point ground which is close to the base of RCS.
4) Peripheral Component of IC
The components for control connected to the IC
should be placed as close as possible to the IC, and
should be connected as short as possible to the each
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com