Electronic Components Datasheet Search
  English  ▼

X  

SSC2016S Datasheet(PDF) 9 Page - Sanken electric

Part # SSC2016S
Description  Critical Conduction Mode PFC Control IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2016S Datasheet(HTML) 9 Page - Sanken electric

Back Button SSC2016S Datasheet HTML 5Page - Sanken electric SSC2016S Datasheet HTML 6Page - Sanken electric SSC2016S Datasheet HTML 7Page - Sanken electric SSC2016S Datasheet HTML 8Page - Sanken electric SSC2016S Datasheet HTML 9Page - Sanken electric SSC2016S Datasheet HTML 10Page - Sanken electric SSC2016S Datasheet HTML 11Page - Sanken electric SSC2016S Datasheet HTML 12Page - Sanken electric SSC2016S Datasheet HTML 13Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
SSC2016S
SSC2016S - DSJ Rev.1.3
SANKEN ELECTRIC CO.,LTD.
9
Jul. 22, 2016
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO.,LTD. 2015
8.
Operational Description
All of the parameter values used in these descriptions
are typical values, unless they are specified as minimum
or maximum.
Current polarities are defined as follows: a current
flow going into the IC (sinking) is positive current (+);
and a current flow coming out of the IC (sourcing) is
negative current (
−).
8.1
Critical Conduction Mode: CRM
Figure 8-1 and Figure 8-2 show the PFC circuit and
CRM operation waveform. The IC performs the on/off
operation of switching device Q1 in critical mode (the
inductor current is zero). Thus, the low drain current
variation di/dt of power MOSFET is accomplished. Also,
adjusting the turn-on timing at the bottom point of VDS
free oscillation waveform (quasi-resonant operation),
low noise and high efficiency PFC circuit is realized.
T1
DFW
C2
C1
Q1
ION
IOFF
D
S
VAC
Figure 8-1.
PFC Circuit
IL=ION+IOFF
ION
IOFF
Q1 VDS
ON
OFF
ON
OFF
Turn on delay time
Bottom on
Free oscillation
ILPEAK
LPEAK
)
AVG
(
L
I
2
1
I
×
=
Figure 8-2.
CRM Operation and Bottom On Operation
Figure 8-3 shows the internal CRM control circuit.
The power MOSFET Q1 starts switching operation by
self-oscillation.
The on-time control is as follows: the detection
voltage RVS2 is compared with the Feedback Voltage
Reference VREF = 2.500 V by using error amplifier
(Error AMP) connected to FB pin. The output of the
Error AMP is averaged and the phase is compensated.
This signal VCOMP is compared with the ramp signal
VOSC to achieve the on-time control. The on-time
becomes almost constant in commercial cycle by setting
VCOMP to respond below 20 Hz (Figure 8-4). This is
achieved by tuning the capacitor connected to COMP
pin.
The off-time is set by detecting the zero current signal
of boost winding P. The zero current is detected by
auxiliary winding D and ZCD pin.
R
S
Q
VOSC
VSET
OSC
Error AMP
PWM COMP
2.500V
VOUT
RVS1
RVS2
CP
RS
CS
GND
FB
COMP
6
3
1
1.40 V
/0.70 V
OUT
7
DFW
T1
Q1
R1
ZCD
5
CT
2
C6
ZCD
C4
C3
VCOMP
U1
RCS
D
P
Figure 8-3.
CRM Control Circuit
ILPEAK
IL(t)
IAC(t)
tON tOFF
VAC(t)
√2×V
ACRMS
√2×I
ACRMS
VCOMP
VOSC
VSET
OUT pin voltage
VAC(t)
ILPEAK(t)
IL(AVG.)(t)
Figure 8-4 CRM Operation Waveforms
The off duty DOFF of boost converter in CRM mode
have the relation of DOFF(t) = VAC(t)/VOUT and is
proportional to input voltage, where VAC(t) is the input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com