Electronic Components Datasheet Search
  English  ▼

X  

ADF4155 Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4155
Description  Integer-N/Fractional-N PLL Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4155 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4155 Datasheet HTML 4Page - Analog Devices ADF4155 Datasheet HTML 5Page - Analog Devices ADF4155 Datasheet HTML 6Page - Analog Devices ADF4155 Datasheet HTML 7Page - Analog Devices ADF4155 Datasheet HTML 8Page - Analog Devices ADF4155 Datasheet HTML 9Page - Analog Devices ADF4155 Datasheet HTML 10Page - Analog Devices ADF4155 Datasheet HTML 11Page - Analog Devices ADF4155 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADF4155
Data Sheet
Pin No.
Mnemonic
Description
22
CREG2
Output of Internal LDO. Supply voltage to digital circuits. Nominal voltage of 1.8 V. 100 nF decoupling
capacitors to ground required.
23
DGND
Digital Ground. Ground return pins for the digital circuitry.
24
RSET
Connect a resistor between this pin and ground to set the charge pump output current. The nominal voltage
bias at the RSET pin is 0.55 V. The relationship between ICP_MAX and RSET is as follows:
ICP_MAX
= 23.5/RSET
where:
RSET
= 4.7 kΩ.
ICP = 5 mA.
EPAD
Exposed Pad. The exposed pad must be connected to ground.
Rev. 0 | Page 8 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com