Electronic Components Datasheet Search
  English  ▼

X  

ADF4155 Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4155
Description  Integer-N/Fractional-N PLL Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4155 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4155 Datasheet HTML 5Page - Analog Devices ADF4155 Datasheet HTML 6Page - Analog Devices ADF4155 Datasheet HTML 7Page - Analog Devices ADF4155 Datasheet HTML 8Page - Analog Devices ADF4155 Datasheet HTML 9Page - Analog Devices ADF4155 Datasheet HTML 10Page - Analog Devices ADF4155 Datasheet HTML 11Page - Analog Devices ADF4155 Datasheet HTML 12Page - Analog Devices ADF4155 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
ADF4155
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 4. RF Input Sensitivity vs. RF Input Frequency, RF Output Disabled
Figure 5. RF Input Sensitivity vs. RF Input Frequency, RF Output Enabled,
RF Divide-by-2 Selected
Figure .6. Single-Ended RF Output Power Level vs. Frequency and
Power Setting, RF Output Pins Pulled Up to 3.3 V via 18 nH Inductors
Figure 7. Charge Pump Output Characteristics, VP = 5 V, Selected ICP Values
Between 0.312 mA (Minimum) and 5.000 mA (Maximum), RSET = 4.7 kΩ
Figure 8. Charge Pump Output Mismatch vs. VCP, Selected ICP Values Between
0.312 mA (Minimum) and 5.000 mA (Maximum), RSET = 4.7 kΩ
Figure 9. Integer Boundary Spurs (IBS) Spur Level vs. VCO Output Frequency,
fPFD = 61.44 MHz, Sweep Resolution = 80 kHz
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
0
2G
4G
6G
8G
10G
RF INPUT FREQUENCY (Hz)
PRESCALER 4/5
PRESCALER 8/9
0
2G
4G
6G
8G
10G
RF INPUT FREQUENCY (Hz)
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
PRESCALER 4/5
PRESCALER 8/9
–20
–15
–10
–5
0
5
10
50
550
1050
1550
2050
2550
3050
3550
4050
FREQUENCY (MHz)
+5dBm POWER SETTING
+2dBm POWER SETTING
–1dBm POWER SETTING
–4dBm POWER SETTING
–10
–8
–6
–4
–2
0
2
4
6
8
10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VCP (V)
0.312mA UP
0.312mA DOWN
0.937mA UP
0.937mA DOWN
1.562mA UP
1.562mA DOWN
2.500mA UP
2.500mA DOWN
3.125mA UP
3.125mA DOWN
4.062mA UP
4.062mA DOWN
5.000mA UP
5.000mA DOWN
–10
–8
–6
–4
–2
0
2
4
6
8
10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VOLTAGE (V)
0.312mA
0.625mA
0.937mA
1.250mA
1.562mA
1.875mA
2.187mA
2.500mA
2.812mA
3.125mA
3.437mA
3.750mA
4.062mA
4.375mA
4.687mA
5.000mA
–130
–110
–90
–70
–50
–30
–10
10
2270
2280
2290
2300
2310
2320
2330
VCO OUTPUT FREQUENCY (MHz)
FIRST-ORDER
SECOND-ORDER
THIRD-ORDER
THIRD-ORDER
FIRST-ORDER
Rev. 0 | Page 9 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com