Electronic Components Datasheet Search
  English  ▼

X  

ADF4155 Datasheet(PDF) 20 Page - Analog Devices

Part # ADF4155
Description  Integer-N/Fractional-N PLL Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4155 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADF4155 Datasheet HTML 16Page - Analog Devices ADF4155 Datasheet HTML 17Page - Analog Devices ADF4155 Datasheet HTML 18Page - Analog Devices ADF4155 Datasheet HTML 19Page - Analog Devices ADF4155 Datasheet HTML 20Page - Analog Devices ADF4155 Datasheet HTML 21Page - Analog Devices ADF4155 Datasheet HTML 22Page - Analog Devices ADF4155 Datasheet HTML 23Page - Analog Devices ADF4155 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
ADF4155
Data Sheet
REGISTER 4
Register 4 Control Bits
With Bits[C4:C1] set to 0100, Register 4 is programmed. Figure 28
shows the input data format for programming this register.
Dither 2
Dither to the second stage of the main Σ-Δ modulator can be
activated on the ADF4155 by setting Bit DB30 in Register 4
(see Figure 28) to 1. This feature allows the user to optimize a
design for improved spurious performance.
Dither randomizes the fractional quantization noise so that it
resembles white noise rather than spurious noise. As a result,
the device is optimized for improved spurious performance.
This operation is normally used for fast locking applications
when the PLL closed-loop bandwidth is wide.
MUXOUT
The on-chip multiplexer is controlled by Bits[DB29:DB27]
(see Figure 28).
Reference Doubler
Setting DB26 to 0 feeds the reference frequency input (REFIN)
directly to the 10-bit R counter, disabling the doubler. Setting
this bit to 1 multiplies the REFIN by a factor of 2 before feeding it
into the 10-bit R counter. When the doubler is disabled, the REFIN
falling edge is the active edge at the PFD input to the fractional
synthesizer. When the doubler is enabled, both the rising and
falling edges of REFIN become active edges at the PFD input.
When the doubler is enabled and the dither is enabled, the in-band
phase noise performance is sensitive to the REFIN duty cycle.
The phase noise degradation can be as much as 5 dB for REFIN
duty cycles outside a 45% to 55% range. The phase noise is
insensitive to the REFIN duty cycle when the dither is switched
off and when the doubler is disabled.
The maximum allowable REFIN frequency when the reference
doubler is enabled is 80 MHz.
RDIV2
Setting the DB25 bit to 1 inserts a divide by 2 toggle flip-flop
between the R counter and PFD, which extends the maximum
REFIN input rate. This function allows a 50% duty cycle signal to
appear at the PFD input, which is necessary for cycle slip reduction.
10-Bit R Counter
The 10-bit R counter allows the input reference frequency
(REFIN) to be divided down to produce the reference clock to
the PFD. Division ratios from 1 to 1023 are allowed.
Double Buffer
The DB14 bit enables or disables double buffering of
Bits[DB23:DB21] in Register 6. The Program Modes section
explains how double buffering works.
Charge Pump Current Setting
Bits[DB13:DB10] set the charge pump current. Set this value to
the charge pump current that the loop filter is designed with
(see Figure 28).
MUXOUT Level Select
The DB8 bit sets the voltage level used on the MUXOUT
output. If the bit is programmed to 0, the MUXOUT uses a
value of 1.8 V as the high level. When this bit is set to 1, the
high level on the MUXOUT output is equal to DVDD (3.3 V ± 5%).
Phase Detector Polarity
The DB7 bit sets the phase detector polarity. When a passive
loop filter or a noninverting active loop filter is used, set this bit
to 1. If an active filter with an inverting characteristic is used,
set this bit to 0.
Power-Down (PD) Mode
DB6 provides the programmable power-down mode. Setting this
bit to 1 performs a power-down. Setting this bit to 0 returns the
synthesizer to normal operation. In software power-down mode,
the device retains all information in its registers. The register
contents are only lost if the supply voltages are removed.
Note that the software power-down issue requires a software
workaround by using the following write sequence until fixed.
To perform a power-down, take the following steps:
1. Write INT = 65535 (0xFFFF) and prescaler = 1 in
Register 0 (R0).
2. Write DB6 = 1 in Register 4 (R4).
To exit from a power-down, take the following steps:
1. Write the correct INT value and prescaler value in
Register 0 (R0).
2. Write DB6 = 0 in Register 4 (R4).
When power-down is activated, the following events occur:
•
Synthesizer counters are forced to their load state
conditions.
•
Charge pump is forced into three-state mode.
•
Digital lock detect circuitry is reset.
•
RF output buffers are disabled.
•
Input registers remain active and capable of loading and
latching data.
Charge Pump (CP) Three-State
Setting the DB5 bit to 1 puts the charge pump into three-state
mode. Set this bit to 0 for normal operation.
Counter Reset
The DB4 bit is the reset bit for the R counter and the N counter
of the ADF4155. When this bit is set to 1, the RF synthesizer
N counter and R counter are held in reset. For normal
operation, set this bit to 0.
Rev. 0 | Page 20 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com