Electronic Components Datasheet Search
  English  ▼

X  

ADF4155 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4155
Description  Integer-N/Fractional-N PLL Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4155 Datasheet(HTML) 1 Page - Analog Devices

  ADF4155 Datasheet HTML 1Page - Analog Devices ADF4155 Datasheet HTML 2Page - Analog Devices ADF4155 Datasheet HTML 3Page - Analog Devices ADF4155 Datasheet HTML 4Page - Analog Devices ADF4155 Datasheet HTML 5Page - Analog Devices ADF4155 Datasheet HTML 6Page - Analog Devices ADF4155 Datasheet HTML 7Page - Analog Devices ADF4155 Datasheet HTML 8Page - Analog Devices ADF4155 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Integer-N/Fractional-N PLL Synthesizer
Data Sheet
ADF4155
FEATURES
Input frequency range: 500 MHz to 8000 MHz
Fractional-N synthesizer and integer-N synthesizer
Phase frequency detector (PFD) up to 125 MHz
High resolution 38-bit modulus
Separate charge pump supply (VP) allows extended tuning
voltage in 5 V systems
Programmable divide by 1, 2, 4, 8, 16, 32, or 64 output
Differential and single-ended reference inputs
Power supply: 3.3 V ± 5%
Logic compatibility: 1.8 V
Programmable dual-modulus prescaler (P) of 4/5 or 8/9
Programmable output power level
3-wire serial interface
Analog and digital lock detect
APPLICATIONS
Wireless infrastructure (W-CDMA, TD-SCDMA, WiMAX, GSM,
PCS, DCS, DECT)
Point to point/point to multipoint microwave links
Test equipment
Wireless LANs, CATV equipment
Clock generation
GENERAL DESCRIPTION
The ADF4155 allows implementation of fractional-N or
integer-N phase-locked loop (PLL) frequency synthesizers
when used with an external loop filter, external voltage
controlled oscillator (VCO), and external reference frequency.
The ADF4155 is for use with external VCO parts up to an
8 GHz operating frequency. The high resolution programmable
modulus allows synthesis of exact frequencies with 0 Hz error.
The VCO frequency can be divided by 1, 2, 4, 8, 16, 32, or 64 to
allow the user to generate RF output frequencies as low as
7.8125 MHz.
Control of all on-chip registers is through a simple 3-wire
interface. The device operates with a nominal power supply of
3.3 V ± 5% and can be powered down when not in use.
The ADF4155 is available in a 24-lead, 4 mm × 4 mm LFCSP
package.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
MUXOUT
CPOUT
REFIN
CLK
DATA
LE
AVDD
DVDD
VP
CE
CPGND
DGND
RSET
RFOUT +
RFOUT –
RFIN+
RFIN–
PHASE
COMPARATOR
CHARGE
PUMP
OUTPUT
STAGE
INPUT
STAGE
PDBRF
10-BIT R
COUNTER
÷2
DIVIDER
×2
DOUBLER
FUNCTION
LATCH
DATA REGISTER
INTEGER
REG
N COUNTER
FRACTION
REG
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
MODULUS
REG
MULTIPLEXER
LOCK
DETECT
÷ 1/2/4/8/16/32/64
ADF4155
REFIN+
–
CREG1
CREG2
RFVDD
AGND
RFGND
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADF4155

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
7/11-Revision 0
ADF4150 AD-ADF4150 Datasheet
486Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADF4150BCPZ-RL7 AD-ADF4150BCPZ-RL7 Datasheet
486Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADF4150HV AD-ADF4150HV Datasheet
640Kb / 28P
High Voltage, Fractional-N
REV. 0
More results

Similar Description - ADF4155

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4252 AD-ADF4252 Datasheet
476Kb / 28P
Dual Fractional-N/Integer-N Frequency Synthesizer
10/03-Data Sheet changed from REV. A to REV. B.
logo
Hynix Semiconductor
HM6F5201 HYNIX-HM6F5201 Datasheet
328Kb / 25P
Dual Fractional-N / Integer-N Frequency Synthesizer
logo
Analog Devices
ADF4251 AD-ADF4251 Datasheet
424Kb / 28P
Dual Fractional-N/Integer-N Frequency Synthesizer
REV.0
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
7/11-Revision 0
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
REV. B
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADF4251 AD-ADF4251_15 Datasheet
440Kb / 28P
Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
ADF4152HV AD-ADF4152HV Datasheet
634Kb / 27P
High Voltage, Fractional-N/Integer N PLL Synthesizer
7/2016-Revision 0
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
Integer N/Fractional-N, PLL Synthesizer
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
1/2019-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com