Electronic Components Datasheet Search
  English  ▼

X  

ADF4155 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4155
Description  Integer-N/Fractional-N PLL Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4155 Datasheet(HTML) 3 Page - Analog Devices

  ADF4155 Datasheet HTML 1Page - Analog Devices ADF4155 Datasheet HTML 2Page - Analog Devices ADF4155 Datasheet HTML 3Page - Analog Devices ADF4155 Datasheet HTML 4Page - Analog Devices ADF4155 Datasheet HTML 5Page - Analog Devices ADF4155 Datasheet HTML 6Page - Analog Devices ADF4155 Datasheet HTML 7Page - Analog Devices ADF4155 Datasheet HTML 8Page - Analog Devices ADF4155 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
ADF4155
SPECIFICATIONS
AVDD = DVDD = RFVDD = 3.3 V ± 5%, AVDD ≤ VP ≤ 5.5 V, AGND = DGND = RFGND = CPGND = 0 V, and TA = TMIN to TMAX, unless otherwise
noted. Operating temperature range is −40°C to +85°C.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REFIN+\REFIN− CHARACTERISTICS
Input Frequency
For f < 10 MHz, ensure slew rate > 21 V/µs
Single-Ended Mode
10
250
MHz
Differential Mode
10
600
MHz
Input Sensitivity
Single-Ended Mode
0.7
AVDD
V p-p
REFIN+ biased at AVDD/2; ac coupling ensures
AVDD/2 bias
Differential Mode
0.4
1.8
V p-p
LVDS and LVPECL compatible, REFIN+\REFIN−
biased at 2.1 V; ac coupling ensures 2.1 V bias
Input Capacitance
Single-Ended Mode
6.9
pF
Differential Mode
1.4
pF
Input Current
±60
µA
PHASE DETECTOR
Phase Detector Frequency
125
MHz
Negative bleed on
100
MHz
Pulsed bleed on
125
MHz
Negative bleed off and pulsed bleed off
75
MHz
CSR enabled
RFIN+\RFIN− CHARACTERISTICS
For lower frequencies, ensure that the slew
rate > 400 V/µs
RF Input Frequency
0.5
6.0
GHz
−10 dBm minimum/0 dBm maximum
8.0
GHz
−5 dBm minimum/0 dBm maximum
Prescaler Output Frequency
1.5
GHz
CHARGE PUMP (CP)
ICP Sink/Source
RSET = 4.7 kΩ
High Value
5
mA
Low Value
0.31
mA
RSET Range
2.7
4.7
10
kΩ
Sink and Source Current Matching
3
%
0.5 V ≤ VCP ≤ VP − 0.5 V
ICP vs. VCP
3
%
0.5 V ≤ VCP ≤ VP − 0.5 V
ICP vs. Temperature
1.5
%
VCP = 2.5 V
LOGIC INPUTS
Input High Voltage, VINH
1.5
V
Compatible with 1.8 V and 3 V logic
Input Low Voltage, VINL
0.6
V
Input Current, IINH/IINL
±1
µA
Input Capacitance, CIN
3.0
pF
LOGIC OUTPUTS
Output High Voltage, VOH
DVDD − 0.4
V
CMOS output selected
Output High Current, IOH
500
µA
Output Low Voltage, VOL
0.4
V
IOL = 500 µA
POWER SUPPLIES
AVDD
3.135
3.465
V
DVDD
AVDD
V
Voltage must equal AVDD
RFVDD
AVDD
V
Voltage must equal AVDD
VP
AVDD
5.5
V
IP
4.1
mA
Output Dividers
6 to 36
mA
Each output divide by 2 consumes 6 mA; see
Table 6 for details on the current consumption
as a function of the output power and divider
Rev. 0 | Page 3 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com