Electronic Components Datasheet Search
  English  ▼

X  

ADF4158 Datasheet(PDF) 6 Page - Analog Devices

Part # ADF4158
Description  Direct Modulation/Waveform Generating Fractional-N Frequency Synthesizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4158 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADF4158 Datasheet HTML 2Page - Analog Devices ADF4158 Datasheet HTML 3Page - Analog Devices ADF4158 Datasheet HTML 4Page - Analog Devices ADF4158 Datasheet HTML 5Page - Analog Devices ADF4158 Datasheet HTML 6Page - Analog Devices ADF4158 Datasheet HTML 7Page - Analog Devices ADF4158 Datasheet HTML 8Page - Analog Devices ADF4158 Datasheet HTML 9Page - Analog Devices ADF4158 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
ADF4158
Data Sheet
Rev. I | Page 6 of 35
Table 3. Read Timing
Parameter
Limit at TMIN to TMAX (C Version)
Unit
Test Conditions/Comments
t1
20
ns min
TXDATA setup time
t2
20
ns min
CLK setup time to DATA (on MUXOUT)
t3
25
ns min
CLK high duration
t4
25
ns min
CLK low duration
t5
10
ns min
CLK to LE setup time
Read Timing Diagram
CLK
MUXOUT
LE
DB36
DB35
DB1
DB2
DB0
t1
t2
TXDATA
NOTES
1. LE SHOULD BE KEPT HIGH DURING READBACK.
t4
t5
t3
Figure 3. Read Timing Diagram
100µA
1.5V
IOL
IOH
TO OUTPUT
PIN
CL
10pF
100µA
Figure 4. Load Circuit for MUXOUT Timing, CL = 10 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com