Electronic Components Datasheet Search
  English  ▼

X  

ADF4158 Datasheet(PDF) 26 Page - Analog Devices

Part # ADF4158
Description  Direct Modulation/Waveform Generating Fractional-N Frequency Synthesizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4158 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADF4158 Datasheet HTML 22Page - Analog Devices ADF4158 Datasheet HTML 23Page - Analog Devices ADF4158 Datasheet HTML 24Page - Analog Devices ADF4158 Datasheet HTML 25Page - Analog Devices ADF4158 Datasheet HTML 26Page - Analog Devices ADF4158 Datasheet HTML 27Page - Analog Devices ADF4158 Datasheet HTML 28Page - Analog Devices ADF4158 Datasheet HTML 29Page - Analog Devices ADF4158 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
ADF4158
Data Sheet
Rev. I | Page 26 of 35
Setting Bit DB28 in the R-divider register (Register R2) to 1
enables cycle slip reduction. Note that a 45% to 55% duty cycle
is needed on the signal at the PFD in order for CSR to operate
correctly. The reference divide-by-2 flip-flop can help to provide a
50% duty cycle at the PFD. For example, if a 100 MHz reference
frequency is available and the user wants to run the PFD at
10 MHz, setting the R-divide factor to 10 results in a 10 MHz
PFD signal that is not 50% duty cycle. By setting the R-divide
factor to 5 and enabling the reference divide-by-2 bit, a 50%
duty cycle 10 MHz signal can be achieved.
Note that the cycle slip reduction feature can only be operated
when the phase detector polarity setting is positive (DB6 in
Register R3). It cannot be used if the phase detector polarity is
negative.
MODULATION
The ADF4158 can operate in frequency shift keying (FSK) or
phase shift keying (PSK) mode.
Frequency Shift Keying (FSK)
FSK is implemented by setting the ADF4158 N-divider up for
the center frequency and then toggling the TXDATA pin. The
deviation from the center frequency is set by
fDEV = (fPFD/225) × (DEV × 2DEV_OFFSET)
(7)
where:
fPFD is the PFD frequency.
DEV is a 16-bit word.
DEV_OFFSET is a 4-bit word.
The ADF4158 implements this by incrementing or decrementing
the set N-divide value by DEV × 2DEV_OFFSET.
Phase Shift Keying (PSK)
When the ADF4158 is set up in PSK mode, it is possible to
toggle the output phase of the ADF4158 between 0° and 180°.
The TXDATA pin controls the phase.
FSK Settings Worked Example
For example, take an FSK system operating at 5.8 GHz, with a
25 MHz PFD, 250 kHz deviation and DEV_OFFSET = 4.
Rearrange Equation 4 as follows
OFFSET
DEV
PFD
DEV
f
f
DEV
_
25
2
2
×
=
(8)
52
.
971
,
20
2
2
MHz
25
kHz
250
4
25
=
×
=
DEV
The DEV value is rounded to 20,972. Toggling the TXDATA pin
causes the frequency to hop between ±250 kHz frequencies
from the programmed center frequency.
WAVEFORM GENERATION
The ADF4158 is capable of generating four types of waveforms
in the frequency domain: single ramp burst, single sawtooth
burst, sawtooth ramp, and triangular ramp. Figure 31 through
Figure 34 show the types of waveforms available.
TIME
Figure 31. Single Ramp Burst
TIME
Figure 32. Single Sawtooth Burst
TIME
Figure 33. Sawtooth Ramp
TIME
Figure 34. Triangular Ramp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com