| Electronic Components Datasheet Search |
|
ADF4158 Datasheet(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF4158 Datasheet(HTML) 12 Page - Analog Devices |
|
12 / 35 page ![]() ADF4158 Data Sheet Rev. I | Page 12 of 35 R-COUNTER The 5-bit R-counter allows the input reference frequency (REFIN) to be divided down to produce the reference clock to the PFD. Division ratios from 1 to 32 are allowed. PHASE FREQUENCY DETECTOR (PFD) AND CHARGE PUMP The PFD takes inputs from the R-counter and N-counter and produces an output proportional to the phase and frequency difference between them. Figure 19 shows a simplified schematic of the PFD. The PFD includes a fixed delay element that sets the width of the antibacklash pulse, which is typically 3 ns. This pulse ensures that there is no dead zone in the PFD transfer function and gives a consistent reference spur level. U3 CLR2 Q2 D2 U2 DOWN UP HIGH HIGH CP –IN +IN CHARGE PUMP DELAY CLR1 Q1 D1 U1 Figure 19. PFD Simplified Schematic MUXOUT AND LOCK DETECT The output multiplexer on the ADF4158 allows the user to access various internal points on the chip. The state of MUXOUT is controlled by the M4, M3, M2, and M1 bits (see Figure 23). Figure 20 shows the MUXOUT section in block diagram form. MUXOUT DVDD THREE-STATE OUTPUT N-DIVIDER OUTPUT DVDD DGND DGND R-DIVIDER OUTPUT DIGITAL LOCK DETECT SERIAL DATA OUTPUT CLK DIVIDER OUTPUT R-DIVIDER/2 N-DIVIDER/2 FAST-LOCK SWITCH READBACK TO MUXOUT CONTROL MUX Figure 20. MUXOUT Schematic INPUT SHIFT REGISTERS The ADF4158 digital section includes a 5-bit RF R-counter, a 12-bit RF N-counter, and a 25-bit FRAC counter. Data is clocked into the 32-bit shift register on each rising edge of CLK. The data is clocked in MSB first. Data is transferred from the shift register to one of eight latches on the rising edge of LE. The destination latch is determined by the state of the three control bits (C3, C2, and C1) in the shift register. These are the three LSBs—DB2, DB1, and DB0—as shown in Figure 2. The truth table for these bits is shown in Table 6. Figure 21 and Figure 22 show a summary of how the latches are programmed. PROGRAM MODES Table 6 and Figure 23 through Figure 30 show how to set up the program modes in the ADF4158. Several settings in the ADF4158 are double buffered. These include the LSB fractional value, R-counter value, reference doubler, current setting, and RDIV2. This means that two events must occur before the part uses a new value for any of the double- buffered settings. First, the new value is latched into the device by writing to the appropriate register. Second, a new write must be performed on Register R0. For example, updating the fractional value can involve a write to the 13 LSB bits in R1 and the 12 MSB bits in R0. R1 should be written to first, followed by the write to R0. The frequency change begins after the write to R0. Double buffering ensures that the bits written to in R1 do not take effect until after the write to R0. Table 6. C3, C2, and C1 Truth Table Control Bits C3 C2 C1 Register 0 0 0 R0 0 0 1 R1 0 1 0 R2 0 1 1 R3 1 0 0 R4 1 0 1 R5 1 1 0 R6 1 1 1 R7 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |