Electronic Components Datasheet Search
  English  ▼

X  

ADF4158 Datasheet(PDF) 22 Page - Analog Devices

Part # ADF4158
Description  Direct Modulation/Waveform Generating Fractional-N Frequency Synthesizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4158 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADF4158 Datasheet HTML 18Page - Analog Devices ADF4158 Datasheet HTML 19Page - Analog Devices ADF4158 Datasheet HTML 20Page - Analog Devices ADF4158 Datasheet HTML 21Page - Analog Devices ADF4158 Datasheet HTML 22Page - Analog Devices ADF4158 Datasheet HTML 23Page - Analog Devices ADF4158 Datasheet HTML 24Page - Analog Devices ADF4158 Datasheet HTML 25Page - Analog Devices ADF4158 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
ADF4158
Data Sheet
Rev. I | Page 22 of 35
DEVIATION REGISTER (R5) MAP
With Register R5 DB[2:0] set to [1, 0, 1], the on-chip deviation
register is programmed as shown in Figure 28.
Reserved Bits
All reserved bits should be set to 0 for normal operation.
Tx Ramp CLK
Setting DB29 to 0 uses the clock divider clock for clocking the
ramp. Setting DB29 to 1 uses the Tx data clock for clocking
the ramp.
PAR Ramp
Setting DB28 to 1 enables the parabolic ramp. Setting DB28 to 0
disables the parabolic ramp.
Interrupt
DB[27:26] determine which type of interrupt is used. This
feature is used for reading back the INT and FARC value of a ramp
at a given moment in time (rising edge on the TXDATA pin triggers
the interrupt). From these bits, frequency can be obtained. After
readback, the sweep might continue or stop at the readback
frequency.
FSK Ramp Enable
Setting DB25 to 1 enables the FSK ramp. Setting DB25 to 0 disables
the FSK ramp.
Ramp 2 Enable
Setting DB24 to 1 enables the second ramp. Setting DB24 to 0
disables the second ramp.
Deviation Select
Setting DB23 to 0 chooses the first deviation word. Setting DB23 to
1 chooses the second deviation word.
4-Bit Deviation Offset Word
DB[22:19] determine the deviation offset. The deviation offset
affects the deviation resolution.
16-Bit Deviation Word
DB[18:3] determine the signed deviation word. The deviation word
defines the deviation step.
DB31
16-BIT DEVIATION WORD
CONTROL
BITS
DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
TR1
PR1
I2
I1
FRE1 R2E1 DS1
DO4 DO3 DO2 DO1
D16
D15 D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
C3(1) C2(0) C1(1)
I2
I1
INTERRUPT
0
0
INTERRUPT OFF
1
1
LOAD CHANNEL CONTINUE SWEEP
D16
D14
.......... D2
D1
16-BIT DEVIATION WORD
0
0
..........
0
0
0
0
0
..........
0
1
1
0
0
..........
1
0
2
0
0
..........
1
1
3
1
1
..........
1
1
–1
1
1
..........
1
0
–2
1
1
..........
0
1
–3
1
0
..........
0
0
–32,768
D4
D3
D1
D2
4-BIT DEV OFFSET
WORD
PR1
PAR RAMP
0
DISABLED
1
ENABLED
0
1
0
1
NOT USED
LOAD CHANNEL STOP SWEEP
FRE1 FSK RAMP ENABLE
0
DISABLED
1
ENABLED
R2E1
RAMP 2 ENABLE
0
DISABLED
1
ENABLED
DO4
DO3
DO2
DO1
4-BIT DEV OFFSET WORD
0
0
0
0
0
0
0
0
1
1
0
0
1
0
2
0
0
1
1
3
.
.
.
.
.
.
.
.
.
.
.
.
1
0
0
1
9
DS1
DEV SEL
0
DEV WORD 1
1
DEV WORD 2
TR1 TX RAMP CLK
0
CLK DIV
1
TX DATA
0
1
..........
1
1
32,767
.
.
..........
.
.
.
.
.
..........
.
.
.
Figure 28. Deviation Register (R5) Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com