Electronic Components Datasheet Search
  English  ▼

X  

ADF4158 Datasheet(PDF) 16 Page - Analog Devices

Part # ADF4158
Description  Direct Modulation/Waveform Generating Fractional-N Frequency Synthesizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4158 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADF4158 Datasheet HTML 12Page - Analog Devices ADF4158 Datasheet HTML 13Page - Analog Devices ADF4158 Datasheet HTML 14Page - Analog Devices ADF4158 Datasheet HTML 15Page - Analog Devices ADF4158 Datasheet HTML 16Page - Analog Devices ADF4158 Datasheet HTML 17Page - Analog Devices ADF4158 Datasheet HTML 18Page - Analog Devices ADF4158 Datasheet HTML 19Page - Analog Devices ADF4158 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
ADF4158
Data Sheet
Rev. I | Page 16 of 35
LSB FRAC REGISTER (R1) MAP
With Register R1 DB[2:0] set to [0, 0, 1], the on-chip LSB FRAC
register is programmed as shown in Figure 24.
13-Bit LSB FRAC Value
These 13 bits, along with Bits DB[14:3] in the FRAC/INT register
(Register R0), control what is loaded as the FRAC value into the
fractional interpolator. This is part of what determines the overall
feedback division factor. It is also used in Equation 2. These 13 bits
are the least significant bits (LSB) of the 25-bit FRAC value, and
Bits DB[14:3] in the INT/FRAC register are the most significant
bits (MSB). See the RF Synthesizer: A Worked Example section
for more information.
Reserved Bits
All reserved bits should be set to 0 for normal operation.
DB31
CONTROL
BITS
RESERVED
13-BIT LSB FRACTIONAL VALUE
(FRAC) (DBB)
RESERVED
DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
F13
F12
F11
F10
F9
F8
F7
F6
F5
F4
F3
F2
F1
0
0
0
0
0
0
0
0
0
0
0
0
C3(0) C2(0) C1(1)
F13
F12
..........
F2
F1
LSB FRACTIONAL VALUE
(FRAC)*
0
0
..........
0
0
0
0
0
..........
0
1
1
0
0
..........
1
0
2
0
0
..........
1
1
3
.
.
..........
.
.
.
.
.
..........
.
.
.
.
.
..........
.
.
.
1
1
..........
0
0
8188
1
1
..........
0
1
8189
1
1
..........
1
0
8190
1
1
..........
1
1
8191
*THE FRAC VALUE IS MADE UP OF THE 12-BIT MSB STORED IN
REGISTER R0, AND THE 13-BIT LSB REGISTER STORED IN
REGISTER R1. FRAC VALUE = 13-BIT LSB + 12-BIT MSB × 213.
NOTES
1. DBB = DOUBLE-BUFFERED BITS.
Figure 24. LSB FRAC Register (R1) Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com