Electronic Components Datasheet Search
  English  ▼

X  

ADF4158 Datasheet(PDF) 10 Page - Analog Devices

Part # ADF4158
Description  Direct Modulation/Waveform Generating Fractional-N Frequency Synthesizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4158 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4158 Datasheet HTML 6Page - Analog Devices ADF4158 Datasheet HTML 7Page - Analog Devices ADF4158 Datasheet HTML 8Page - Analog Devices ADF4158 Datasheet HTML 9Page - Analog Devices ADF4158 Datasheet HTML 10Page - Analog Devices ADF4158 Datasheet HTML 11Page - Analog Devices ADF4158 Datasheet HTML 12Page - Analog Devices ADF4158 Datasheet HTML 13Page - Analog Devices ADF4158 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
ADF4158
Data Sheet
Rev. I | Page 10 of 35
5.7995
5.7996
5.7997
5.7998
5.7999
5.8000
5.8001
5.8002
5.8003
5.8004
–0.010
0.010
–0.005
0.005
0
TIME (s)
Figure 12. FSK Superimposed on Rising Edge of Triangular Waveform;
Ramp Settings: PFD = 32 MHz, INT = 181, FRAC = 0, DEV Offset = 4, DEV
Word = 20972, Step Word = 200, CLK DIV = 10, CLK1 Divider = 125;
FSK Settings: DEV Offset = 3, DEV Word = 4194
5.79975
5.79980
5.79985
5.79990
5.79995
5.80005
5.80000
5.80010
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TIME (ms)
Figure 13. FSK; Settings: Frequency Deviation = 100 kHz, Data Rate = 3 kHz
–30
–25
–20
–15
–10
–5
0
0.185
1.185
2.185
3.185
4.185
5.185
6.185
7.185
FREQUENCY (GHz)
Figure 14. RFIN Sensitivity-Average Over Temperature and VDD
–8
–6
–4
–2
0
2
4
6
0
1
2
3
VCP (V)
4
5
6
Figure 15. Charge Pump Output Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com