Electronic Components Datasheet Search
  English  ▼

X  

ADF4350 Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4350
Description  Wideband Synthesizer with Integrated VCO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4350 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4350 Datasheet HTML 3Page - Analog Devices ADF4350 Datasheet HTML 4Page - Analog Devices ADF4350 Datasheet HTML 5Page - Analog Devices ADF4350 Datasheet HTML 6Page - Analog Devices ADF4350 Datasheet HTML 7Page - Analog Devices ADF4350 Datasheet HTML 8Page - Analog Devices ADF4350 Datasheet HTML 9Page - Analog Devices ADF4350 Datasheet HTML 10Page - Analog Devices ADF4350 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Data Sheet
ADF4350
Rev. B | Page 7 of 34
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
CLK
DATA
LE
CE
SW
VP
CPOUT
CPGND
VREF
VCOM
RSET
VTUNE
AGNDVCO
AGNDVCO
TEMP
VVCO
NOTES
1. THE LFCSP HAS AN EXPOSED PADDLE THAT
MUST BE CONNECTED TO GND.
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
ADF4350
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CLK
Serial Clock Input. Data is clocked into the 32-bit shift register on the CLK rising edge. This input is a high
impedance CMOS input.
2
DATA
Serial Data Input. The serial data is loaded MSB first with the three LSBs as the control bits. This input is a high
impedance CMOS input.
3
LE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift register is loaded into the register
that is selected by the three LSBs.
4
CE
Chip Enable. A logic low on this pin powers down the device and puts the charge pump into three-state mode.
A logic high on this pin powers up the device depending on the status of the power-down bits.
5
SW
Fast-Lock Switch. A connection must be made from the loop filter to this pin when using the fast-lock mode.
6
VP
Charge Pump Power Supply. This pin is to be equal to AVDD. Decoupling capacitors to the ground plane are to
be placed as close as possible to this pin.
7
CPOUT
Charge Pump Output. When enabled, this provides ±ICP to the external loop filter. The output of the loop filter is
connected to VTUNE to drive the internal VCO.
8
CPGND
Charge Pump Ground. This is the ground return pin for CPOUT.
9
AGND
Analog Ground. This is a ground return pin for AVDD.
10
AVDD
Analog Power Supply. This pin ranges from 3.0 V to 3.6 V. Decoupling capacitors to the analog ground plane are
to be placed as close as possible to this pin. AVDD must have the same value as DVDD.
11, 18, 21
AGNDVCO
VCO Analog Ground. These are the ground return pins for the VCO.
12
RFOUTA+
VCO Output. The output level is programmable. The VCO fundamental output or a divided down version is available.
13
RFOUTA−
Complementary VCO Output. The output level is programmable. The VCO fundamental output or a divided
down version is available.
14
RFOUTB+
Auxilliary VCO Output. The output level is programmable. The VCO fundamental output or a divided down
version is available.
15
RFOUTB−
Complementary Auxilliary VCO Output. The output level is programmable. The VCO fundamental output or a
divided down version is available.
16, 17
VVCO
Power Supply for the VCO. This ranges from 3.0 V to 3.6 V. Decoupling capacitors to the analog ground plane
must be placed as close as possible to these pins. VVCO must have the same value as AVDD.
19
TEMP
Temperature Compensation Output. Decoupling capacitors to the ground plane are to be placed as close as
possible to this pin.
20
VTUNE
Control Input to the VCO. This voltage determines the output frequency and is derived from filtering the CPOUT
output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com