Electronic Components Datasheet Search
  English  ▼

X  

ADF4350 Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4350
Description  Wideband Synthesizer with Integrated VCO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4350 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4350 Datasheet HTML 4Page - Analog Devices ADF4350 Datasheet HTML 5Page - Analog Devices ADF4350 Datasheet HTML 6Page - Analog Devices ADF4350 Datasheet HTML 7Page - Analog Devices ADF4350 Datasheet HTML 8Page - Analog Devices ADF4350 Datasheet HTML 9Page - Analog Devices ADF4350 Datasheet HTML 10Page - Analog Devices ADF4350 Datasheet HTML 11Page - Analog Devices ADF4350 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
ADF4350
Data Sheet
Rev. B | Page 8 of 34
Pin No.
Mnemonic
Description
22
RSET
Connecting a resistor between this pin and GND sets the charge pump output current. The nominal voltage
bias at the RSET pin is 0.55 V. The relationship between ICP and RSET is
SET
CP
R
25.5
I
=
where:
RSET = 5.1 kΩ
ICP = 5 mA
23
VCOM
Internal Compensation Node Biased at Half the Tuning Range. Decoupling capacitors to the ground plane must
be placed as close as possible to this pin.
24
VREF
Reference Voltage. Decoupling capacitors to the ground plane must be placed as close as possible to this pin.
25
LD
Lock Detect Output Pin. This pin outputs a logic high to indicate PLL lock. A logic low output indicates loss of PLL lock.
26
PDBRF
RF Power-Down. A logic low on this pin mutes the RF outputs. This function is also software controllable.
27
DGND
Digital Ground. Ground return path for DVDD.
28
DVDD
Digital Power Supply. This pin must be the same voltage as AVDD. Decoupling capacitors to the ground plane
must be placed as close as possible to this pin.
29
REFIN
Reference Input. This is a CMOS input with a nominal threshold of VDD/2 and a dc equivalent input resistance of
100 kΩ. This input can be driven from a TTL or CMOS crystal oscillator, or it can be ac-coupled.
30
MUXOUT
Multiplexer Output. This multiplexer output allows either the lock detect, the scaled RF, or the scaled reference
frequency to be accessed externally.
31
SDGND
Digital Sigma-Delta (Σ-Δ) Modulator Ground. Ground return path for the Σ-Δ modulator.
32
SDVDD
Power Supply Pin for the Digital Σ-Δ Modulator. Must be the same voltage as AVDD. Decoupling capacitors to the
ground plane are to be placed as close as possible to this pin.
33
EP
Exposed Pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com