Electronic Components Datasheet Search
  English  ▼

X  

ADF4350 Datasheet(PDF) 17 Page - Analog Devices

Part # ADF4350
Description  Wideband Synthesizer with Integrated VCO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4350 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF4350 Datasheet HTML 13Page - Analog Devices ADF4350 Datasheet HTML 14Page - Analog Devices ADF4350 Datasheet HTML 15Page - Analog Devices ADF4350 Datasheet HTML 16Page - Analog Devices ADF4350 Datasheet HTML 17Page - Analog Devices ADF4350 Datasheet HTML 18Page - Analog Devices ADF4350 Datasheet HTML 19Page - Analog Devices ADF4350 Datasheet HTML 20Page - Analog Devices ADF4350 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
Data Sheet
ADF4350
Rev. B | Page 17 of 34
BS8
BS7
..........
..........
..........
..........
..........
..........
..........
..........
..........
..........
BS2
BS1
BAND SELECT CLOCK DIVIDER (R)
00
0
1
1
00
1
0
2
..
.
.
.
..
.
.
.
..
.
.
.
11
0
0
252
11
0
1
253
11
1
0
254
11
1
1
255
D3
RF OUT
0DISABLED
1
ENABLED
OUTPUT
POWER
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
0
0
0
0
0
0
0
0
D13
D12
D11
D10
BS8
BS7
BS6
BS5
BS4
BS3
BS2
BS1
D9
D8
D7
D6
D5
D4
D3
D2
D1
C3(1) C2(0) C1(0)
CONTROL
BITS
8-BIT BAND SELECT CLOCK DIVIDER VALUE
AUX
OUTPUT
POWER
DIVIDER
SELECT
RESERVED
D2
D1
OUTPUT POWER
00-4
01-1
10+2
11+5
D5
D4
AUX OUTPUT POWER
00-4
01-1
10+2
11+5
D6
AUX OUT
0DISABLED
1
ENABLED
D7
AUX OUTPUT
SELECT
0
FUNDAMENTAL
1
DIVIDED OUTPUT
D8
MUTE TILL
LOCK DETECT
0
MUTE DISABLED
1
MUTE ENABLED
D9
VCO
POWER-DOWN
0
VCO POWERED UP
1
VCO POWERED DOWN
D12
D11
RF DIVIDER SELECT
00
÷1
00
÷2
01
÷4
01
÷8
D10
0
1
0
1
10
÷16
0
D13
FEEDBACK
SELECT
0
FUNDAMENTAL
1
DIVIDED
DBB
Figure 28. Register 4 (R4)
LD PIN
MODE
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
0
D15
D14
0
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
C3(1) C2(0) C1(1)
CONTROL
BITS
RESERVED
RESERVED
D1 5
D1 4
LOCK DETECT PIN OPERATION
00
LOW
0
1
DIGITAL LOCK DETECT
10
LOW
11
HIGH
RESERVED
Figure 29. Register 5 (R5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com