Electronic Components Datasheet Search
  English  ▼

X  

ADF4350 Datasheet(PDF) 23 Page - Analog Devices

Part # ADF4350
Description  Wideband Synthesizer with Integrated VCO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4350 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADF4350 Datasheet HTML 19Page - Analog Devices ADF4350 Datasheet HTML 20Page - Analog Devices ADF4350 Datasheet HTML 21Page - Analog Devices ADF4350 Datasheet HTML 22Page - Analog Devices ADF4350 Datasheet HTML 23Page - Analog Devices ADF4350 Datasheet HTML 24Page - Analog Devices ADF4350 Datasheet HTML 25Page - Analog Devices ADF4350 Datasheet HTML 26Page - Analog Devices ADF4350 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
Data Sheet
ADF4350
Rev. B | Page 23 of 34
FAST LOCK—LOOP FILTER TOPOLOGY
To use fast-lock mode, the damping resistor in the loop filter
is reduced to ¼ of the value while in wide bandwidth mode. To
achieve the wider loop filter bandwidth, the charge pump
current increases by a factor of 16 and to maintain loop sta-
bility the damping resistor must be reduced a factor of ¼.
To enable fast lock, the SW pin is shorted to the GND pin by
settings Bits [DB16:DB15] in Register 3 to 0, 1. The following
two topologies are available:
The damping resistor (R1) is divided into two values (R1
and R1A) that have a ratio of 1:3 (see Figure 31).
An extra resistor (R1A) is connected directly from SW, as
shown in Figure 32. The extra resistor is calculated such
that the parallel combination of an extra resistor and the
damping resistor (R1) is reduced to ¼ of the original value
of R1 (see Figure 32).
ADF4350
CP
SW
C1
C2
R2
R1
R1A
C3
VCO
Figure 31. Fast-Lock Loop Filter Topology—Topology 1
ADF4350
CP
SW
C1
C2
R2
R1
R1A
C3
VCO
Figure 32. Fast-Lock Loop Filter Topology—Topology 2
SPUR MECHANISMS
This section describes the three different spur mechanisms that
arise with a fractional-N synthesizer and how to minimize them
in the ADF4350.
Fractional Spurs
The fractional interpolator in the ADF4350 is a third-order
Σ-Δ modulator (SDM) with a modulus (MOD) that is program-
mable to any integer value from 2 to 4095. In low spur mode
(dither enabled) the minimum allowable value of MOD is 50.
The SDM is clocked at the PFD reference rate (fPFD) that allows
PLL output frequencies to be synthesized at a channel step
resolution of fPFD/MOD.
In low noise mode (dither disabled) the quantization noise from
the Σ-Δ modulator appears as fractional spurs. The interval
between spurs is fPFD/L, where L is the repeat length of the code
sequence in the digital Σ-Δ modulator. For the third-order
modulator used in the ADF4350, the repeat length depends on
the value of MOD, as listed in Table 6.
Table 6. Fractional Spurs with Dither Disabled
Condition (Dither Disabled)
Repeat
Length
Spur Interval
If MOD is divisible by 2, but not 3
2 × MOD
Channel step/2
If MOD is divisible by 3, but not 2
3 × MOD
Channel step/3
If MOD is divisible by 6
6 × MOD
Channel step/6
Otherwise
MOD
Channel step
In low spur mode (dither enabled), the repeat length is extend-
ed to 221 cycles, regardless of the value of MOD, which makes
the quantization error spectrum look like broadband noise.
This may degrade the in-band phase noise at the PLL output
by as much as 10 dB. For lowest noise, dither disabled is a better
choice, particularly when the final loop bandwidth is low
enough to attenuate even the lowest frequency fractional spur.
Integer Boundary Spurs
Another mechanism for fractional spur creation is the inter-
actions between the RF VCO frequency and the reference
frequency. When these frequencies are not integer related (the
point of a fractional-N synthesizer) spur sidebands appear on
the VCO output spectrum at an offset frequency that corres-
ponds to the beat note or difference frequency between an
integer multiple of the reference and the VCO frequency. These
spurs are attenuated by the loop filter and are more noticeable
on channels close to integer multiples of the reference where the
difference frequency can be inside the loop bandwidth, there-
fore, the name integer boundary spurs.
Reference Spurs
Reference spurs are generally not a problem in fractional-N
synthesizers because the reference offset is far outside the loop
bandwidth. However, any reference feed-through mechanism
that bypasses the loop may cause a problem. Feed through of
low levels of on-chip reference switching noise, through the
RFIN pin back to the VCO, can result in reference spur levels as
high as –90 dBc. PCB layout needs to ensure adequate isolation
between VCO traces and the input reference to avoid a possible
feed through path on the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com