Electronic Components Datasheet Search
  English  ▼

X  

ADF4350 Datasheet(PDF) 13 Page - Analog Devices

Part # ADF4350
Description  Wideband Synthesizer with Integrated VCO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4350 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF4350 Datasheet HTML 9Page - Analog Devices ADF4350 Datasheet HTML 10Page - Analog Devices ADF4350 Datasheet HTML 11Page - Analog Devices ADF4350 Datasheet HTML 12Page - Analog Devices ADF4350 Datasheet HTML 13Page - Analog Devices ADF4350 Datasheet HTML 14Page - Analog Devices ADF4350 Datasheet HTML 15Page - Analog Devices ADF4350 Datasheet HTML 16Page - Analog Devices ADF4350 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Data Sheet
ADF4350
Rev. B | Page 13 of 34
The VCO shows variation of KV as the VTUNE varies within the
band and from band-to-band. It has been shown for wideband
applications covering a wide frequency range (and changing
output dividers) that a value of 33 MHz/V provides the most
accurate KV as this is closest to an average value. Figure 21
shows how KV varies with fundamental VCO frequency along
with an average value for the frequency band. Users may prefer
this figure when using narrowband designs.
80
70
60
50
40
30
20
10
0
2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6
FREQUENCY (GHz)
Figure 21. KV vs. Frequency
In fixed frequency applications, the ADF4350 VTUNE may
vary with ambient temperature switching from hot to cold.
In extreme cases, the drift causes VTUNE to drop to a very low
level (<0.25 V) and can cause loss of lock. This becomes an
issue only at fundamental VCO frequencies less than 2.95 GHz
and at ambient temperatures below 0°C.
In cases such as these, if the ambient temperature decreases
below 0°C, the frequency needs to be reprogrammed (R0 updated)
to avoid VTUNE dropping to a level close to 0 V. Reprogramming
the device chooses a more suitable VCO band, and thus avoids
the low VTUNE issue. Any further temperature drops of more
than 20°C (below 0°C) also require further reprogramming.
Any increases in the ambient temperature do not require repro-
gramming.
OUTPUT STAGE
The RFOUTA+ and RFOUTA− pins of the ADF4350 are connected
to the collectors of an NPN differential pair driven by buffered
outputs of the VCO, as shown in Figure 22. To allow the user to
optimize the power dissipation vs. the output power requirements,
the tail current of the differential pair is programmable by
Bits [D2:D1] in Register 4 (R4). Four current levels may be set.
These levels give output power levels of −4 dBm, −1 dBm, +2
dBm, and +5 dBm, respectively, using a 50 Ω resistor to AVDD
and ac coupling into a 50 Ω load. Alternatively, both outputs
can be combined in a 1 + 1:1 transformer or a 180° microstrip
coupler (see the Output Matching section). If using the outputs
individually, the optimum output stage consists of a shunt
inductor to VVCO. The unused complementary output must
be terminated with a similar circuit to the used output.
An auxiliary output stage exists on Pins RFOUTB+ and RFOUTB−
providing a second set of differential outputs which can drive
another circuit, or which can be powered down if unused. The
auxiliary output must be used in conjunction with the main RF
output. It cannot be used with the main output powered down.
Another feature of the ADF4350 is that the supply current to
the RF output stage can be shut down until the device achieves
lock as measured by the digital lock detect circuitry. This is
enabled by the mute till lock detect (MTLD) bit in Register 4 (R4).
VCO
RFOUTA+
RFOUTA–
BUFFER/
DIVIDE-BY-
1/2/4/8/16
Figure 22. Output Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com