Electronic Components Datasheet Search
  English  ▼

X  

ADF4350 Datasheet(PDF) 20 Page - Analog Devices

Part # ADF4350
Description  Wideband Synthesizer with Integrated VCO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4350 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADF4350 Datasheet HTML 16Page - Analog Devices ADF4350 Datasheet HTML 17Page - Analog Devices ADF4350 Datasheet HTML 18Page - Analog Devices ADF4350 Datasheet HTML 19Page - Analog Devices ADF4350 Datasheet HTML 20Page - Analog Devices ADF4350 Datasheet HTML 21Page - Analog Devices ADF4350 Datasheet HTML 22Page - Analog Devices ADF4350 Datasheet HTML 23Page - Analog Devices ADF4350 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
ADF4350
Data Sheet
Rev. B | Page 20 of 34
REGISTER 3
Control Bits
With Bits [C3:C1] set to 0, 1, 1, Register 3 is programmed.
Figure 27 shows the input data format for programming this
register.
CSR Enable
Setting DB18 to 1 enables cycle slip reduction. This is a method
for improving lock times. Note that the signal at the phase fre-
quency detector (PFD) must have a 50% duty cycle for cycle slip
reduction to work. The charge pump current setting must also
be set to a minimum. See the Cycle Slip Reduction for Faster
Lock Times section for more information.
Clock Divider Mode
Bits [DB16:DB15] must be set to 1, 0 to activate PHASE resync
or 0, 1 to activate fast lock. Setting Bits [DB16:DB15] to 0, 0
disables the clock divider. See Figure 27.
12-Bit Clock Divider Value
The 12-bit clock divider value sets the timeout counter for
activation of PHASE resync. See the Phase Resync section for
more information. It also sets the timeout counter for fast lock.
See the Fast-Lock Timer and Register Sequences section for
more information.
REGISTER 4
Control Bits
With Bits [C3:C1] set to 1, 0, 0, Register 4 is programmed.
Figure 28 shows the input data format for programming this
register.
Feedback Select
DB23 selects the feedback from the VCO output to the
N counter. When set to 1, the signal is taken from the VCO
directly. When set to 0, it is taken from the output of the output
dividers. The dividers enable covering of the wide frequency band
(137.5 MHz to 4.4 GHz). When the divider is enabled and the
feedback signal is taken from the output, the RF output signals
of two separately configured PLLs are in phase. This is useful in
some applications where the positive interference of signals is
required to increase the power.
Divider Select
Bits [DB22:DB20] select the value of the output divider (see
Figure 28).
Band Select Clock Divider Value
Bits [DB19:DB12] set a divider for the band select logic
clock input. The output of the R counter, is by default, the
value used to clock the band select logic, but, if this value is
too high (>125 kHz), a divider can be switched on to divide
the R counter output to a smaller value (see Figure 28).
VCO Power-Down
DB11 powers the VCO down or up depending on the chosen value.
Mute Till Lock Detect
If DB10 is set to 1, the supply current to the RF output stage is shut
down until the device achieves lock as measured by the digital lock
detect circuitry.
AUX Output Select
DB9 sets the auxiliary RF output. The selection can be either
the output of the RF dividers or fundamental VCO frequency.
AUX Output Enable
DB8 enables or disables auxiliary RF output, depending on the
chosen value.
AUX Output Power
Bits [DB7:DB6] set the value of the auxiliary RF output power
level (see Figure 28).
RF Output Enable
DB5 enables or disables primary RF output, depending on the
chosen value.
Output Power
Bits [DB4:DB3] set the value of the primary RF output power
level (see Figure 28).
REGISTER 5
Control Bits
With Bits [C3:C1] set to 1, 0, 1, Register 5 is programmed.
Figure 29 shows the input data form for programming this
register.
Lock Detect Pin Operation
Bits [DB23:DB22] set the operation of the lock detect pin (see
Figure 29).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com