Electronic Components Datasheet Search
  English  ▼

X  

ADF4350 Datasheet(PDF) 24 Page - Analog Devices

Part # ADF4350
Description  Wideband Synthesizer with Integrated VCO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4350 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADF4350 Datasheet HTML 20Page - Analog Devices ADF4350 Datasheet HTML 21Page - Analog Devices ADF4350 Datasheet HTML 22Page - Analog Devices ADF4350 Datasheet HTML 23Page - Analog Devices ADF4350 Datasheet HTML 24Page - Analog Devices ADF4350 Datasheet HTML 25Page - Analog Devices ADF4350 Datasheet HTML 26Page - Analog Devices ADF4350 Datasheet HTML 27Page - Analog Devices ADF4350 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
ADF4350
Data Sheet
Rev. B | Page 24 of 34
SPUR CONSISTENCY AND FRACTIONAL SPUR
OPTIMIZATION
With dither off, the fractional spur pattern due to the quantiza-
tion noise of the SDM also depends on the particular phase
word with which the modulator is seeded.
The phase word can be varied to optimize the fractional and
subfractional spur levels on any particular frequency. Thus, a
look-up table of phase values corresponding to each frequency
can be constructed for use when programming the ADF4350.
If a look-up table is not used, keep the phase word at a constant
value to ensure consistent spur levels on any particular frequency.
PHASE RESYNC
The output of a fractional-N PLL can settle to any one of the
MOD phase offsets with respect to the input reference, where
MOD is the fractional modulus. The phase resync feature in the
ADF4350 produces a consistent output phase offset with respect
to the input reference. This is necessary in applications where the
output phase and frequency are important, such as digital beam
forming. See the Phase Programmability section to program a
specific RF output phase when using phase resync.
Phase resync is enabled by setting Bits [DB16:DB15] in
Register 3 to 1, 0. When phase resync is enabled, an internal
timer generates sync signals at intervals of tSYNC given by the
following formula:
tSYNC = CLK_DIV_VALUE × MOD × tPFD
where:
tPFD is the PFD reference period.
CLK_DIV_VALUE is the decimal value programmed in
Bits [DB14:DB3] of Register 3 and can be any integer in the
range of 1 to 4095.
MOD is the modulus value programmed in Bits [DB14:DB3] of
Register 1 (R1).
When a new frequency is programmed, the second sync pulse
after the LE rising edge resynchronizes the output phase to the
reference. The tSYNC time is to be programmed to a value that is
as least as long as the worst-case lock time. This guarantees the
phase resync occurs after the last cycle slip in the PLL settling
transient.
In the example shown in Figure 33, the PFD reference is 25 MHz
and MOD = 125 for a 200 kHz channel spacing. tSYNC is set to
400 μs by programming CLK_DIV_VALUE = 80.
LE
PHASE
FREQUENCY
SYNC
(INTERNAL)
–100
0
100 200
1000
300
400 500 600 700 800
900
TIME (µs)
PLL SETTLES TO
CORRECT PHASE
AFTER RESYNC
tSYNC
LAST CYCLE SLIP
PLL SETTLES TO
INCORRECT PHASE
Figure 33. Phase Resync Example
Phase Programmability
The phase word in Register 1 controls the RF output phase. As
this word is swept from 0 to MOD, the RF output phase sweeps
over a 360° range in steps of 360°/MOD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com