Electronic Components Datasheet Search
  English  ▼

X  

ADF4350 Datasheet(PDF) 21 Page - Analog Devices

Part # ADF4350
Description  Wideband Synthesizer with Integrated VCO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4350 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADF4350 Datasheet HTML 17Page - Analog Devices ADF4350 Datasheet HTML 18Page - Analog Devices ADF4350 Datasheet HTML 19Page - Analog Devices ADF4350 Datasheet HTML 20Page - Analog Devices ADF4350 Datasheet HTML 21Page - Analog Devices ADF4350 Datasheet HTML 22Page - Analog Devices ADF4350 Datasheet HTML 23Page - Analog Devices ADF4350 Datasheet HTML 24Page - Analog Devices ADF4350 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Data Sheet
ADF4350
Rev. B | Page 21 of 34
INITIALIZATION SEQUENCE
The following sequence of registers is the correct sequence for
initial power-up of the ADF4350 after the correct application of
voltages to the supply pins:
•
Register 5
•
Register 4
•
Register 3
•
Register 2
•
Register 1
•
Register 0
RF SYNTHESIZER—A WORKED EXAMPLE
The following is an example how to program the ADF4350
synthesizer:
RFOUT = [INT + (FRAC/MOD)] × [fPFD]/RF divider
(3)
where:
RFOUT is the RF frequency output.
INT is the integer division factor.
FRAC is the fractionality.
MOD is the modulus.
RF divider is the output divider that divides down the VCO
frequency.
fPFD = REFIN × [(1 + D)/(R × (1+T))]
(4)
where:
REFIN is the reference frequency input.
D is the RF REFIN doubler bit.
T is the reference divide-by-2 bit (0 or 1).
R is the RF reference division factor.
For example, in a UMTS system, where 2112.6 MHz RF
frequency output (RFOUT) is required, a 10 MHz reference
frequency input (REFIN) is available, and a 200 kHz channel
resolution (fRESOUT) is required on the RF output. Note that
the ADF4350 operates in the frequency range of 2.2 GHz to
4.4 GHz. Therefore, the RF divider of 2 must be used (VCO
frequency = 4225.2 MHz, RFOUT = VCO frequency/RF divider =
4225.2 MHz/2 = 2112.6 MHz).
It is also important where the loop is closed. In this example,
the loop is closed (see Figure 30).
fPFD
PFD
VCO
N
DIVIDER
÷2
RFOUT
Figure 30. Loop Closed Before Output Divider
Channel resolution (fRESOUT) or 200 kHz is required at the output
of the RF divider. Therefore, channel resolution at the output of
the VCO (fRES) is to be twice the fRESOUT, that is 400 kHz.
MOD = REFIN/fRES
MOD = 10 MHz/400 kHz = 25
From Equation 4,
fPFD = [10 MHz × (1 + 0)/1] = 10 MHz
(5)
2112.6 MHz = 10 MHz × (INT + FRAC/25)/2
(6)
where:
INT = 422
FRAC = 13
MODULUS
The choice of modulus (MOD) depends on the reference signal
(REFIN) available and the channel resolution (fRES) required at
the RF output. For example, a GSM system with 13 MHz REFIN
sets the modulus to 65. This means the RF output resolution (fRES)
is the 200 kHz (13 MHz/65) necessary for GSM. With dither off,
the fractional spur interval depends on the modulus values chosen
(see Table 6).
REFERENCE DOUBLER AND REFERENCE DIVIDER
The reference doubler on-chip allows the input reference signal
to be doubled. This is useful for increasing the PFD comparison
frequency. Making the PFD frequency higher improves the
noise performance of the system. Doubling the PFD frequency
usually improves noise performance by 3 dB. It is important to
note that the PFD cannot operate above 32 MHz due to a limi-
tation in the speed of the Σ-Δ circuit of the N-divider.
The reference divide-by-2 divides the reference signal by 2,
resulting in a 50% duty cycle PFD frequency. This is necessary
for the correct operation of the cycle slip reduction (CSR)
function. See the Cycle Slip Reduction for Faster Lock Times
section for more information.
12-BIT PROGRAMMABLE MODULUS
Unlike most other fractional-N PLLs, the ADF4350 allows the
user to program the modulus over a 12–bit range. This means
the user can set up the device in many different configurations for
the application, when combined with the reference doubler and
the 10-bit R counter.
For example, consider an application that requires 1.75 GHz RF
and 200 kHz channel step resolution. The system has a 13 MHz
reference signal.
One possible setup is feeding the 13 MHz directly to the PFD
and programming the modulus to divide by 65. This results in
the required 200 kHz resolution.
Another possible setup is using the reference doubler to create
26 MHz from the 13 MHz input signal. This 26 MHz is then fed
into the PFD programming the modulus to divide by 130. This
also results in 200 kHz resolution and offers superior phase
noise performance over the previous setup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com