Electronic Components Datasheet Search
  English  ▼

X  

AD5379ABC Datasheet(PDF) 35 Page - Analog Devices

Part # AD5379ABC
Description  32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5379ABC Datasheet(HTML) 35 Page - Analog Devices

Back Button AD5379ABC Datasheet HTML 31Page - Analog Devices AD5379ABC Datasheet HTML 32Page - Analog Devices AD5379ABC Datasheet HTML 33Page - Analog Devices AD5379ABC Datasheet HTML 34Page - Analog Devices AD5379ABC Datasheet HTML 35Page - Analog Devices AD5379ABC Datasheet HTML 36Page - Analog Devices AD5379ABC Datasheet HTML 37Page - Analog Devices AD5379ABC Datasheet HTML 38Page - Analog Devices AD5379ABC Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
AD5382
Rev. 0 | Page 35 of 40
14-BIT DAC
DAC
REGISTER
INPUT
DATA
INPUT
REGISTER
DATA
REGISTER
B
DATA
REGISTER
A
A/B
VOUT
LDAC
CONTROL INPUT
Figure 42. Toggle Mode Function
ACTUATORS
FOR MEMS
MIRROR
ARRAY
SENSOR
AND
MULTIPLEXER
8-CHANNEL ADC
(AD7856)
OR
SINGLE CHANNEL
ADC (AD7671)
AD5382
14-BIT DAC
14-BIT DAC
REFOUT REFIN AVDD
VO1
VO31
G = 50
G = 50
OUTPUT RANGE
0–200V
ADSP-21065L
0.01
µF
+5V
Figure 43. AD5382 in a MEMS Based Optical Switch
THERMAL MONITOR FUNCTION
The AD5382 contains a temperature shutdown function to
protect the chip in case multiple outputs are shorted. The short
circuit current of each output amplifier is typically 40 mA.
Operating the AD5382 at 5 V leads to a power dissipation of
200 mW per shorted amplifier. With five channels shorted, this
leads to an extra watt of power dissipation. For the 100-lead
LQFP, the θJA is typically 44°C/W.
The thermal monitor is enabled by the user via CR8 in the
control register. The output amplifiers on the AD5382 are
automatically powered down if the die temperature exceeds
approximately 130°C. After a thermal shutdown has occurred,
the user can re-enable the part by executing a soft power-up if
the temperature has dropped below 130°C or by turning off the
thermal monitor function via the control register.
AD5382 IN A MEMS BASED OPTICAL SWITCH
In their feed-forward control paths, MEMS based optical
switches require high resolution DACs that offer high channel
density with 14-bit monotonic behavior. The 32-channel, 14-bit
AD5382 DAC satisfies these requirements. In the circuit in
Figure 43, the 0 V to 5 V outputs of the AD5382 are amplified to
achieve an output range of 0 V to 200 V, which is used to control
actuators that determine the position of MEMS mirrors in an
optical switch. The exact position of each mirror is measured
using sensors. The sensor outputs are multiplexed into a high
resolution ADC in determining the mirror position. The control
loop is closed and driven by an ADSP-21065L, a 32-bit SHARC®
DSP with an SPI compatible SPORT interface. The ADSP-
21065L writes data to the DAC, controls the multiplexer, and
reads data from the ADC via the serial interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com