Electronic Components Datasheet Search
  English  ▼

X  

AD5379ABC Datasheet(PDF) 4 Page - Analog Devices

Part # AD5379ABC
Description  32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5379ABC Datasheet(HTML) 4 Page - Analog Devices

  AD5379ABC Datasheet HTML 1Page - Analog Devices AD5379ABC Datasheet HTML 2Page - Analog Devices AD5379ABC Datasheet HTML 3Page - Analog Devices AD5379ABC Datasheet HTML 4Page - Analog Devices AD5379ABC Datasheet HTML 5Page - Analog Devices AD5379ABC Datasheet HTML 6Page - Analog Devices AD5379ABC Datasheet HTML 7Page - Analog Devices AD5379ABC Datasheet HTML 8Page - Analog Devices AD5379ABC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
AD5382
Rev. 0 | Page 4 of 40
SPECIFICATIONS
AD5382-5 SPECIFICATIONS
Table 3. AVDD = 4.5 V to 5.5 V; DVDD = 2.7 V to 5.5 V, AGND = DGND = 0 V;
External REFIN = 2.5 V; all specifications TMIN to TMAX, unless otherwise noted
Parameter
AD5382-51
Unit
Test Conditions/Comments
ACCURACY
Resolution
14
Bits
Relative Accuracy2 (INL)
±4
LSB max
Differential Nonlinearity (DNL)
–1/+2
LSB max
Guaranteed monotonic over temperature
Zero-Scale Error
4
mV max
Offset Error
±4
mV max
Measured at Code 32 in the linear region
Offset Error TC
±5
µV/°C typ
Gain Error
±0.024
% FSR max
At 25°C
±0.06
% FSR max
TMIN to TMAX
Gain Temperature Coefficient3
2
ppm FSR/°C typ
DC Crosstalk3
0.5
LSB max
REFERENCE INPUT/OUTPUT
Reference Input3
Reference Input Voltage
2.5
V
±1% for specified performance, AVdd=2xREFIN+50mV
DC Input Impedance
1
MΩ min
Typically 100 MΩ
Input Current
±1
µA max
Typically ±30 nA
Reference Range
1 to VDD/2
V min/max
Reference Output4
Enabled via CR10 in the AD5382 control register.
CR12 selects the reference voltage.
Output Voltage
2.495/2.505
V min/max
At ambient. CR12 = 1. Optimized for 2.5 V operation.
1.22/1.28
V min/max
1.25 V reference selected. CR12 = 0
Reference TC
±10
ppm/°C max
Temperature Range : +25°C to +85°C
±15
ppm/°C max
Temperature Range : –40°C to +85°C
OUTPUT CHARACTERISTICS3
Output Voltage Range2
0/AVDD
V min/max
Short-Circuit Current
40
mA max
Load Current
±1
mA max
Capacitive Load Stability
RL = ∞
200
pF max
RL = 5 kΩ
1000
pF max
DC Output Impedance
0.5
Ω max
MONITOR PIN
Output Impedance
500
Ω typ
Three-State Leakage Current
100
nA typ
LOGIC INPUTS (EXCEPT SDA/SCL)3
DVDD = 2.7 V to 5.5 V
VIH, Input High Voltage
2
V min
VIL, Input Low Voltage
0.8
V max
Input Current
±10
µA max
Total for all pins. TA = TMIN to TMAX
Pin Capacitance
10
pF max
LOGIC INPUTS (SDA, SCL ONLY)
VIH, Input High Voltage
0.7 DVDD
V min
SMBus compatible at DVDD < 3.6 V
VIL, Input Low Voltage
0.3 DVDD
V max
SMBus compatible at DVDD < 3.6 V
IIN, Input Leakage Current
±1
µA max
VHYST, Input Hysteresis
0.05 DVDD
V min
CIN, Input Capacitance
8
pF typ
Glitch Rejection
50
ns max
Input filtering suppresses noise spikes of less than 50 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com