Electronic Components Datasheet Search
  English  ▼

X  

AD5379ABC Datasheet(PDF) 30 Page - Analog Devices

Part # AD5379ABC
Description  32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5379ABC Datasheet(HTML) 30 Page - Analog Devices

Back Button AD5379ABC Datasheet HTML 26Page - Analog Devices AD5379ABC Datasheet HTML 27Page - Analog Devices AD5379ABC Datasheet HTML 28Page - Analog Devices AD5379ABC Datasheet HTML 29Page - Analog Devices AD5379ABC Datasheet HTML 30Page - Analog Devices AD5379ABC Datasheet HTML 31Page - Analog Devices AD5379ABC Datasheet HTML 32Page - Analog Devices AD5379ABC Datasheet HTML 33Page - Analog Devices AD5379ABC Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
AD5382
Rev. 0 | Page 30 of 40
2-Byte Mode
Following initialization of 2-byte mode, the user can update
channels sequentially. The device address byte is only required
once and the pointer address pointer is configured for auto-
increment or burst mode.
The user must begin with an address byte (R/W = 0), after
which the DAC will acknowledge that it is prepared to receive
data by pulling SDA low. The address byte is followed by a
specific pointer byte (0xFF) that initiates the burst mode of
operation. The address pointer initializes to channel zero, the
data following the pointer is loaded to Channel 0, and the
address pointer automatically increments to the next address.
The REG0 and REG1 bits in the data byte determine which
register will be updated. In this mode, following the initializa-
tion, only the two data bytes are required to update a channel.
The channel address automatically increments from Address 0
to Channel 31 and then returns to the normal 3-byte mode of
operation. This mode allows transmission of data to all
channels in one block and reduces the software overhead in
configuring all channels. A STOP condition at any time exits
this mode. Toggle mode is not supported in 2-byte mode.
Figure 33 shows a typical configuration.
PARALLEL INTERFACE
The SER/PAR pin must be tied low to enable the parallel
interface and disable the serial interfaces. Figure 7 shows the
timing diagram for a parallel write. The parallel interface is
controlled by the following pins:
CS Pin
Active Low Device Select Pin.
WR Pin
On the rising edge of WR, with CS low, the addresses on Pins
A4 to A0 are latched; data present on the data bus is loaded into
the selected input registers.
REG0, REG1 Pins
The REG0 and REG1 pins determine the destination register of
the data being written to the AD5382. See Table 11.
Pins A4 to A0
Each of the 40 DAC channels can be addressed individually.
Pins DB13 to DB0
The AD5382 accepts a straight 14-bit parallel word on DB13 to
DB0, where DB13 is the MSB and DB0 is the LSB.
1
0
1
0
1
AD1
AD0
R/W
A7 = 1
A6 = 1
A5 = 1
A4 = 1
A3 = 1
A2 = 1
A1 = 1
A0 = 1
START COND
BY MASTER
ADDRESS BYTE
POINTER BYTE
MOST SIGNIFICANT DATA BYTE
CHANNEL 0 DATA
LEAST SIGNIFICANT DATA BYTE
ACK BY
CONVERTER
MSB
ACK BY
CONVERTER
ACK BY
AD538x
ACK BY
AD538x
MOST SIGNIFICANT DATA BYTE
CHANNEL 1 DATA
LEAST SIGNIFICANT DATA BYTE
ACK BY
CONVERTER
ACK BY
CONVERTER
MOST SIGNIFICANT DATA BYTE
CHANNEL N DATA FOLLOWED BY STOP
LEAST SIGNIFICANT DATA BYTE
ACK BY
CONVERTER
ACK BY
CONVERTER
STOP
COND
BY
MASTER
REG1
REG0
MSB
LSB
MSB
LSB
REG1
REG0
MSB
LSB
MSB
LSB
REG1
REG0
MSB
LSB
MSB
LSB
SCL
SDA
SCL
SDA
SCL
SDA
SCL
SDA
Figure 33. 2-Byte, I2C Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com