Electronic Components Datasheet Search
  English  ▼

X  

AD5379ABC Datasheet(PDF) 3 Page - Analog Devices

Part # AD5379ABC
Description  32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5379ABC Datasheet(HTML) 3 Page - Analog Devices

  AD5379ABC Datasheet HTML 1Page - Analog Devices AD5379ABC Datasheet HTML 2Page - Analog Devices AD5379ABC Datasheet HTML 3Page - Analog Devices AD5379ABC Datasheet HTML 4Page - Analog Devices AD5379ABC Datasheet HTML 5Page - Analog Devices AD5379ABC Datasheet HTML 6Page - Analog Devices AD5379ABC Datasheet HTML 7Page - Analog Devices AD5379ABC Datasheet HTML 8Page - Analog Devices AD5379ABC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
AD5382
Rev. 0 | Page 3 of 40
GENERAL DESCRIPTION
The AD5382 is a complete, single-supply, 32-channel, 14-bit
DAC available in a 100-lead LQFP package. All 32 channels
have an on-chip output amplifier with rail-to-rail operation.
The AD5382 includes an internal software-selectable 1.25 V/
2.5 V, 10 ppm/°C reference, an on-chip channel monitor
function that multiplexes the analog outputs to a common
MON_OUT pin for external monitoring, and an output
amplifier boost mode that allows optimization of the amplifier
slew rate. The AD5382 contains a double-buffered parallel
interface that features a 20 ns WR pulse width, an SPI/QSPI/
MICROWIRE/DSP compatible serial interface with interface
speeds in excess of 30 MHz and an I2C compatible interface
that supports a 400 kHz data transfer rate.
An input register followed by a DAC register provides double
buffering, allowing the DAC outputs to be updated indepen-
dently or simultaneously using the LDAC input.
Each channel has a programmable gain and offset adjust
register that allows the user to fully calibrate any DAC channel.
Power consumption is typically 0.25 mA/channel when
operating with boost mode disabled.
Table 1. Other High Channel Count, Low Voltage, Single Supply DACs in Product Portfolio
Model
Resolution
AVDD Range
Output Channels
Linearity Error (LSB)
Package Description
Package Option
AD5380BST-5
14 Bits
4.5 V to 5.5 V
40
±4
100-Lead LQFP
ST-100
AD5380BST-3
14 Bits
2.7 V to 3.6 V
40
±4
100-Lead LQFP
ST-100
AD5384BBC-5
14 Bits
4.5 V to 5.5 V
40
±4
100-Lead CSPBGA
BC-100
AD5384BBC-3
14 Bits
2.7 V to 3.6 V
40
±4
100-Lead CSPBGA
BC-100
AD5381BST-5
12 Bits
4.5 V to 5.5 V
40
±1
100-Lead LQFP
ST-100
AD5381BST-3
12 Bits
2.7 V to 3.6 V
40
±1
100-Lead LQFP
ST-100
AD5383BST-5
12 Bits
4.5 V to 5.5 V
32
±1
100-Lead LQFP
ST-100
AD5383BST-3
12 Bits
2.7 V to 3.6 V
32
±1
100-Lead LQFP
ST-100
AD5390BST-5
14 Bits
4.5 V to 5.5 V
16
±3
52-Lead LQFP
ST-52
AD5390BCP-5
14 Bits
4.5 V to 5.5 V
16
±3
64-Lead LFCSP
CP-64
AD5390BST-3
14 Bits
2.7 V to 3.6 V
16
±3
52-Lead LQFP
ST-52
AD5390BCP-3
14 Bits
2.7 V to 3.6 V
16
±3
64-Lead LFCSP
CP-64
AD5391BST-5
12 Bits
4.5 V to 5.5 V
16
±1
52-Lead LQFP
ST-52
AD5391BCP-5
12 Bits
4.5 V to 5.5 V
16
±1
64-Lead LFCSP
CP-64
AD5391BST-3
12 Bits
2.7 V to 3.6 V
16
±1
52-Lead LQFP
ST-52
AD5391BCP-3
12 Bits
2.7 V to 3.6 V
16
±1
64-Lead LFCSP
CP-64
AD5392BST-5
14 Bits
4.5 V to 5.5 V
8
±3
52-Lead LQFP
ST-52
AD5392BCP-5
14 Bits
4.5 V to 5.5 V
8
±3
64-Lead LFCSP
CP-64
AD5392BST-3
14 Bits
2.7 V to 3.6 V
8
±3
52-Lead LQFP
ST-52
AD5392BCP-3
14 Bits
2.7 V to 3.6 V
8
±3
64-Lead LFCSP
CP-64
Table 2. 40-Channel Bipolar Voltage Output DAC
Model
Resolution
Analog Supplies
Output Channels
Linearity Error (LSB)
Package
Package Option
AD5379ABC
14 Bits
±11.4 V to ±16.5 V
40
±3
108-Lead CSPBGA
BC-108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com