Electronic Components Datasheet Search
  English  ▼

X  

AD5379ABC Datasheet(PDF) 22 Page - Analog Devices

Part # AD5379ABC
Description  32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5379ABC Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5379ABC Datasheet HTML 18Page - Analog Devices AD5379ABC Datasheet HTML 19Page - Analog Devices AD5379ABC Datasheet HTML 20Page - Analog Devices AD5379ABC Datasheet HTML 21Page - Analog Devices AD5379ABC Datasheet HTML 22Page - Analog Devices AD5379ABC Datasheet HTML 23Page - Analog Devices AD5379ABC Datasheet HTML 24Page - Analog Devices AD5379ABC Datasheet HTML 25Page - Analog Devices AD5379ABC Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
AD5382
Rev. 0 | Page 22 of 40
ON-CHIP SPECIAL FUNCTION REGISTERS (SFR)
The AD5382 contains a number of special function registers
(SFRs), as outlined in Table 15. SFRs are addressed with
REG1 = REG0 = 0 and are decoded using address bits A4 to A0.
Table 15. SFR Register Functions (REG1 = 0, REG0 = 0)
R/W
A4
A3
A2
A1
A0
Function
X
0
0
0
0
0
NOP (No Operation)
0
0
0
0
0
1
Write CLR Code
0
0
0
0
1
0
Soft CLR
0
0
1
0
0
0
Soft Power-Down
0
0
1
0
0
1
Soft Power-Up
0
0
1
1
0
0
Control Register Write
1
0
1
1
0
0
Control Register Read
0
0
1
0
1
0
Monitor Channel
0
0
1
1
1
1
Soft Reset
SFR COMMANDS
NOP (No Operation)
REG1 = REG0 = 0, A4–A0 = 00000
Performs no operation but is useful in serial readback mode to
clock out data on DOUT for diagnostic purposes. BUSY pulses
low during a NOP operation.
Write CLR Code
REG1 = REG0 = 0, A4–A0 = 00001
DB13–DB0 = Contain the CLR data
Bringing the CLR line low or exercising the soft clear function
will load the contents of the DAC registers with the data con-
tained in the user configurable CLR register, and will set
VOUT0 to VOUT31 accordingly. This can be very useful for
setting up a specific output voltage in a clear condition. It is also
beneficial for calibration purposes; the user can load full scale
or zero scale to the clear code register and then issue a hard-
ware or software clear to load this code to all DACs, removing
the need for individual writes to each DAC. Default on power-
up is all zeros.
Soft CLR
REG1 = REG0 = 0, A4–A0 = 00010
DB13–DB0 = Don’t Care.
Executing this instruction performs the CLR, which is function-
ally the same as that provided by the external CLR pin. The
DAC outputs are loaded with the data in the CLR code register.
It takes 35 µs to fully execute the SOFT CLR and is indicated by
the BUSY low time.
Soft Power-Down
REG1 = REG0 = 0, A4–A0 = 01000
DB13–DB0 = Don’t Care
Executing this instruction performs a global power-down
feature that puts all channels into a low power mode that
reduces the analog supply current to 2 µA max and the digital
current to 20 µA max. In power-down mode, the output
amplifier can be configured as a high impedance output or
provide a 100 kΩ load to ground. The contents of all internal
registers are retained in power-down mode. No register can be
written to while in power-down.
Soft Power-Up
REG1 = REG0 = 0, A4–A0 = 01001
DB13–DB0 = Don’t Care
This instruction is used to power up the output amplifiers and
the internal reference. The time to exit power–down is 8 µs. The
hardware power-down and software function are internally
combined in a digital OR function.
Soft RESET
REG1 = REG0 = 0, A4–A0 = 01111
DB13–DB0 = Don’t Care
This instruction is used to implement a software reset. All
internal registers are reset to their default values, which
correspond to m at full scale and c at zero. The contents of the
DAC registers are cleared, setting all analog outputs to 0 V. The
soft reset activation time is 135 µs max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com