Electronic Components Datasheet Search
  English  ▼

X  

AD5379ABC Datasheet(PDF) 14 Page - Analog Devices

Part # AD5379ABC
Description  32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5379ABC Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5379ABC Datasheet HTML 10Page - Analog Devices AD5379ABC Datasheet HTML 11Page - Analog Devices AD5379ABC Datasheet HTML 12Page - Analog Devices AD5379ABC Datasheet HTML 13Page - Analog Devices AD5379ABC Datasheet HTML 14Page - Analog Devices AD5379ABC Datasheet HTML 15Page - Analog Devices AD5379ABC Datasheet HTML 16Page - Analog Devices AD5379ABC Datasheet HTML 17Page - Analog Devices AD5379ABC Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
AD5382
Rev. 0 | Page 14 of 40
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
RESET
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
REG0
REG1
VOUT23
VOUT22
VOUT21
VOUT20
AVDD3
AGND3
DAC_GND3
SIGNAL_GND3
VOUT19
VOUT18
VOUT17
VOUT16
AVDD2
AGND2
59
74
75
69
70
71
72
67
68
66
73
64
65
60
61
62
63
57
58
55
56
53
54
52
51
5
4
3
2
7
6
9
8
1
14
13
12
11
16
15
17
10
19
18
23
22
21
20
24
25
FIFO EN
CLR
VOUT24
VOUT25
VOUT26
VOUT27
SIGNAL_GND4
DAC_GND4
AGND4
AVDD4
VOUT28
VOUT29
VOUT30
VOUT31
REF GND
REFOUT/REFIN
SIGNAL_GND1
DAC_GND1
AVDD1
VOUT0
VOUT1
VOUT2
VOUT3
VOUT4
AGND1
PIN 1
IDENTIFIER
AD5382
TOP VIEW
(Not to Scale)
Figure 8. 100-Lead LQFP Pin Configuration
Table 10. Pin Function Descriptions
Mnemonic
Function
VOUTx
Buffered Analog Outputs for Channel x. Each analog output is driven by a rail-to-rail output amplifier operating at a
gain of 2. Each output is capable of driving an output load of 5 kΩ to ground. Typical output impedance is 0.5 Ω.
SIGNAL_GND(1–4)
Analog Ground Reference Points for Each Group of Eight Output Channels. All SIGNAL_GND pins are tied together
internally and should be connected to the AGND plane as close as possible to the AD5382.
DAC_GND(1–4)
Each group of eight channels contains a DAC_GND pin. This is the ground reference point for the internal 14-bit
DAC. These pins shound be connected to the AGND plane.
AGND(1–4)
Analog Ground Reference Point. Each group of eight channels contains an AGND pin. All AGND pins should be
connected externally to the AGND plane.
AVDD(1–4)
Analog Supply Pins. Each group of eight channels has a separate AVDD pin. These pins are internally shorted and
should be decoupled with a 0.1 µF ceramic capacitor and a 10 µF tantalum capacitor. Operating range for the
AD5382-5 is 4.5 V to 5.5 V; operating range for the AD5382-3 is 2.7 V to 3.6 V.
DGND
Ground for All Digital Circuitry.
DVDD
Logic Power Supply. Guaranteed operating range is 2.7 V to 5.5 V. It is recommended that these pins be decoupled
with 0.1 µF ceramic and 10 µF tantalum capacitors to DGND.
REFGND
Ground Reference Point for the Internal Reference.
REFOUT/REFIN
The AD5382 contains a common REFOUT/REFIN pin. When the internal reference is selected, this pin is the reference
output. If the application requires an external reference, it can be applied to this pin and the internal reference can
be disabled via the control register. The default for this pin is a reference input.
MON_OUT
When the monitor function is enabled, this pin acts as the output of a 36-to-1 channel multiplexer that can be
programmed to multiplex one of channels 0 to 31 or any of the monitor input pins (MON_IN1 to MON_IN4) to the
MON_OUT pin. The MON_OUT pin’s output impedance is typically 500 Ω and is intended to drive a high input
impedance like that exhibited by SAR ADC inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40