Electronic Components Datasheet Search
  English  ▼

X  

TUSB5152 Datasheet(PDF) 37 Page - Texas Instruments

Part # TUSB5152
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5152 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TUSB5152 Datasheet HTML 33Page - Texas Instruments TUSB5152 Datasheet HTML 34Page - Texas Instruments TUSB5152 Datasheet HTML 35Page - Texas Instruments TUSB5152 Datasheet HTML 36Page - Texas Instruments TUSB5152 Datasheet HTML 37Page - Texas Instruments TUSB5152 Datasheet HTML 38Page - Texas Instruments TUSB5152 Datasheet HTML 39Page - Texas Instruments TUSB5152 Datasheet HTML 40Page - Texas Instruments TUSB5152 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 84 page
background image
5–5
5.7
HUBCNF1: HUB-Configuration-1 Register
This register is cleared by the power-up-reset signal only. The USB-reset cannot reset this register.
P4A
P4E
P3A
P3E
P2A
P2E
P1A
P1E
7
6
5
4
32
10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
P1E
0
Hub Port-1: Enable/disable control bit
P1E = 0 Port-1 is disabled.
P1E = 1 Port-1 Is enabled.
1
P1A
0
Hub Port-1: Permanent-attachment control bit
P1A = 0
Port-1 is connected to a removable function.
P1A = 1
Port-1 is connected to a permanent-attachment function.
2
P2E
0
Hub Port-2: Enable/disable control bit
P2E = 0 Port-2 is disabled.
P2E = 1 Port-2 Is enabled.
3
P2A
0
Hub Port-2: Permanent-attachment control bit
P2A = 0 Port-2 is connected to a removable function.
P2A = 1 Port-2 is connected to a permanent-attachment function.
4
P3E
0
Hub Port-3: Enable/disable control bit
P3E = 0 Port-3 is disabled.
P3E = 1 Port-3 Is enabled.
5
P3A
0
Hub Port-3: Permanent-attachment control bit
P3A = 0 Port-3 is connected to a removable function.
P3A = 1 Port-3 is connected to a permanent-attachment function.
6
P4E
0
Hub Port-4: Enable/disable control bit
P4E = 0 Port-4 is disabled.
P4E = 1 Port-4 Is enabled.
7
P4A
0
Hub Port-4: Permanent-attachment control bit
P4A = 0 Port-4 is connected to a removable function.
P4A = 1 Port-4 is connected to a permanent-attachment function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com