Electronic Components Datasheet Search
  English  ▼

X  

TUSB5152 Datasheet(PDF) 24 Page - Texas Instruments

Part # TUSB5152
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5152 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TUSB5152 Datasheet HTML 20Page - Texas Instruments TUSB5152 Datasheet HTML 21Page - Texas Instruments TUSB5152 Datasheet HTML 22Page - Texas Instruments TUSB5152 Datasheet HTML 23Page - Texas Instruments TUSB5152 Datasheet HTML 24Page - Texas Instruments TUSB5152 Datasheet HTML 25Page - Texas Instruments TUSB5152 Datasheet HTML 26Page - Texas Instruments TUSB5152 Datasheet HTML 27Page - Texas Instruments TUSB5152 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 84 page
background image
4–6
Table 4–4. EDB Memory Locations
ADDRESS
REGISTER
DESCRIPTION
FF78
IEPCNF_7
Input Endpoint_7: Configuration
FF70
IEPCNF_6
Input Endpoint_6: Configuration
FF68
IEPCNF_5
Input Endpoint_5: Configuration
FF60
IEPCNF_4
Input Endpoint_4: Configuration
FF58
IEPCNF_3
Input Endpoint_3: Configuration
FF50
IEPCNF_2
Input Endpoint_2: Configuration
FF48
IEPCNF_1
Input Endpoint_1: Configuration
FF47
↑
RESERVED
FF40
FF38
OEPCNF_7
Output Endpoint_7: Configuration
FF30
OEPCNF_6
Output Endpoint_6: Configuration
FF28
OEPCNF_5
Output Endpoint_5: Configuration
FF20
OEPCNF_4
Output Endpoint_4: Configuration
FF18
OEPCNF_3
Output Endpoint_3: Configuration
FF10
OEPCNF_2
Output Endpoint_2: Configuration
FF08
OEPCNF_1
Output Endpoint_1: Configuration
FF07
↑
(8-bytes)
FF00
Setup packet block
FEFF
↑
(8-bytes)
FEF8
Input Endpoint-0 buffer
FEF7
↑
(8-bytes)
FEF0
Output End-point-0 buffer
FEEF
TOPBUFF
Top of buffer space
↑
Buffer space
F800
STABUFF
Start of buffer space
4.3
Endpoint Descriptor Block (EDB-1 to EDB-7)
Data transfers between the USB, the MCU and external devices are defined by an endpoint descriptor block (EDB).
Eight input- and eight output-EDBs are provided. With the exception of EDB-0 (I/O Endpoint-0), all EDBs are located
in SRAM as per Table 4–4. Each EDB contains information describing the X and Y buffers. In addition, each EDB
provides general status information.
Table 4–5 illustrates the EDB entries for EDB-1 to EDB-7. EDB-0 registers will be described separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com