Electronic Components Datasheet Search
  English  ▼

X  

TUSB5152 Datasheet(PDF) 12 Page - Texas Instruments

Part # TUSB5152
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5152 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB5152 Datasheet HTML 8Page - Texas Instruments TUSB5152 Datasheet HTML 9Page - Texas Instruments TUSB5152 Datasheet HTML 10Page - Texas Instruments TUSB5152 Datasheet HTML 11Page - Texas Instruments TUSB5152 Datasheet HTML 12Page - Texas Instruments TUSB5152 Datasheet HTML 13Page - Texas Instruments TUSB5152 Datasheet HTML 14Page - Texas Instruments TUSB5152 Datasheet HTML 15Page - Texas Instruments TUSB5152 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
2–2
8052
Core
Clock
Oscillator
6 MHz
PLL
and
Dividers
Reset
and
Interrupt Logic
6 k
× 8
ROM
8
8
2
× 16-Bit
Timers
16 k
× 8
RAM
8
8
Port 1
8
4
Port 3
2 k
× 8
SRAM
8
8
I2C
Controller
8
UART–1
8
UART–2
8
DMA-1
DMA-2
DMA-3
DMA-4
DMA-5
8
1284
Port I/F
8
CPU-I/F
Susp./Res.
8
UBM
USB Buffer
Manager
8
8
USB
SIE
USB
TxR
5-Port
USB
Hub
TDM
Control
Logic
RSTO
RSTI
INT1
P1. (0–7)
P3.
(0,1,3,4)
I2C Bus
1284
USB-0
USB-1
USB-2
USB-3
USB-4
USB-5
Dual
UART
Figure 2–1. Controller Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com