Electronic Components Datasheet Search
  English  ▼

X  

TUSB5152 Datasheet(PDF) 80 Page - Texas Instruments

Part # TUSB5152
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5152 Datasheet(HTML) 80 Page - Texas Instruments

Back Button TUSB5152 Datasheet HTML 76Page - Texas Instruments TUSB5152 Datasheet HTML 77Page - Texas Instruments TUSB5152 Datasheet HTML 78Page - Texas Instruments TUSB5152 Datasheet HTML 79Page - Texas Instruments TUSB5152 Datasheet HTML 80Page - Texas Instruments TUSB5152 Datasheet HTML 81Page - Texas Instruments TUSB5152 Datasheet HTML 82Page - Texas Instruments TUSB5152 Datasheet HTML 83Page - Texas Instruments TUSB5152 Datasheet HTML 84Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 80 / 84 page
background image
11–2
11.4 Absolute Maximum Rating
Supply voltage, VCC
–0.5 to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
–0.5 to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage, VO
–0.5 to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.5 Commercial Operating Condition (5 V)
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VI
Input voltage
0
VCC
V
V
High level input voltage
TTL
2
VCC
V
VIH
High level input voltage
CMOS
0.7
× VCC
VCC
V
V
Low level input voltage
TTL
0
0.8
V
VIL
Low level input voltage
CMOS
0
0.2
× VCC
V
TA
Operating temperature
0
70
°C
11.6 Electrical Characteristics, TA = 25°C, VCC = 5.0 V ±5%, VSS = 0 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
LVCMOS
IOH = –4 mA
VCC – 0.6
V
VOL
Low-level output voltage
LVCMOS
IOL = 4 mA
0.5
V
VIT+
Positive threshold voltage
LVCMOS
VI = VIH
2.0
V
VIT–
Negative threshold voltage
LVCMOS
VI = VIH
0.8
1.8
V
Vhys
Hysteresis (VIT+ – VIT–)
LVCMOS
VI = VIH
0.30
0.70
V
IIH
High-level input current
LVCMOS
VI = VIH
±20
µA
IIL
Low-level input current
LVCMOS
VI = VIL
±20
µA
IOZ
Output leakage current (Hi-Z)
VI = VCC or VSS
±20
µA
IOL
Output low drive current
0.1
mA
IOH
Output high drive current
0.1
mA
Clock duty cycle†
50%
Jitter specification†
±100
ppm
CI
Input capacitance
18
pF
CO
Output capacitance
10
pF
† Applies to all clock outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com