| Electronic Components Datasheet Search |
|
TUSB5152 Datasheet(PDF) 75 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB5152 Datasheet(HTML) 75 Page - Texas Instruments |
|
75 / 84 page ![]() 10–3 • The contents of the I2CDAO register are transmitted to E2PROM (EPROM address). • TXE bit in the I2CSTA register is set and interrupts the MCU, indicating that the I2CDAO register has been transmitted. • Stop condition is not generated. 10.2.2 EPROM [Low-byte] • MCU writes the low-byte of the E2PROM address into the I2CDAO register. • TXE bit in the I2CSTA register is cleared (indicates busy). • The contents of the I2CDAO register are transmitted to the device (E2PROM address). • TXE bit in the I2CSTA register is set and interrupts the MCU, indicating that the I2CDAO register has been transmitted. • This completes the dummy write operation. At this point, the E2ROM address is set and the MCU can do either a single- or a sequential-read operation. 10.3 Current-Address Read Operation Once the E2PROM address is set, the MCU can read a single byte by executing the following steps: 1. MCU sets I2CSTA[SRD] = 1. This forces the I2C controller to generate a stop condition after the I2CDAI-register contents are received. 2. MCU writes the device address (R/W bit = 1) to the I2CADR register (read operation). 3. MCU writes a dummy byte to the I2CDAO register (this starts the transfer on the SDA line). 4. RXF bit in the I2CSTA register is cleared. 5. Contents of the I2CADR register are transmitted to the device (preceded by start condition on SDA). 6. Data from E2PROM are latched into the I2CDAI register (stop condition is transmitted). 7. RXF bit in the I2CSTA register is set and interrupts the MCU, indicating that the data are available. 8. MCU reads the I2CDAI register. This clears the RXF bit (I2CSTA[RXF] = 0). 9. End 10.4 Sequential-Read Operation Once the E2PROM address is set, the MCU can execute a sequential read operation by executing the following steps (this example illustrates a 32-byte sequential read): 10.4.1 Device Address 1. MCU sets I2CSTA[SRD] = 0. This forces the I2C controller not to generate a stop condition after the I2CDAI register contents are received. 2. MCU writes the device address (R/W bit = 1) to the I2CADR register (read operation). 3. MCU writes a dummy byte to the I2CDAO register (this starts the transfer on the SDA line). 4. RXF bit in the I2CSTA register is cleared. 5. The contents of the I2CADR register are transmitted to the device (preceded by start condition on SDA). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |