Electronic Components Datasheet Search
  English  ▼

X  

TUSB5152 Datasheet(PDF) 15 Page - Texas Instruments

Part # TUSB5152
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5152 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TUSB5152 Datasheet HTML 11Page - Texas Instruments TUSB5152 Datasheet HTML 12Page - Texas Instruments TUSB5152 Datasheet HTML 13Page - Texas Instruments TUSB5152 Datasheet HTML 14Page - Texas Instruments TUSB5152 Datasheet HTML 15Page - Texas Instruments TUSB5152 Datasheet HTML 16Page - Texas Instruments TUSB5152 Datasheet HTML 17Page - Texas Instruments TUSB5152 Datasheet HTML 18Page - Texas Instruments TUSB5152 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 84 page
background image
3–3
Table 3–1. Controller Pin Description (100-pin TQFP) (Continued)
NAME
PIN NO.
I/O
NOTES
3/5V
DESCRIPTION
2-RI
77
I
(2)
UART2: Ring indicator
PD[7:0]
75-2,
70-68,
66
I/O
(5)
Y
1284-port: Data bus
SLIN
65
O
(5)
Y
1284-port: Select input
STB
64
O
(5)
Y
1284-port: Data strobe
AFD
63
O
(5)
Y
1284-port: Auto feed
INIT
61
O
(5)
Y
1284-port: Initialize
ACK
60
I
(5)
Y
1284-port: Acknowledge signal
FALT
59
I
(5)
Y
1284-port: Fault
SLCT
58
I
(5)
Y
1284-port: Select
PER
57
I
(5)
Y
1284-port: Paper end
BUSY
56
I
(5)
Y
1284-port: Busy indication
SDA
28
I/O
(1)(3)
Master I2C controller: data signal
SCL
27
O
(1)(3)
Master I2C controller: clock signal
CLKO
97
O
(1)
Programmable clock output (see GLOBCTL: global control register)
WAKEUP
96
I
(3)
Y
Remote wake-up request bit. When low, wakes up system
X2
99
O
6-MHz crystal output
X1
100
I
6-MHz crystal input or clock input
TRST
51
I
(3)
Test reset input (left open in normal operation)
RSTI
29
I
(3)
Y
Controller master reset signal
RSTO
30
O
(1)
Y
Reset output (see GLOBCTL: global control register)
TEST0
54
I
(3)
Test inputs (left open in normal operation)
TEST1
53
I
(3)
Test inputs (left open in normal operation)
TEST2
52
I
(3)
Test inputs (left open in normal operation)
GND
4 16,
33, 46,
62, 71,
86, 98
GND
Digital ground
VCC
7, 13,
36, 67,
88
PWR
3.3V
VCCs
38, 55,
76
PWR
5V
NOTES:
1. 3-state CMOS output (
±4 mA drive/sink)
2. Schmidt-trigger input
3. Schmidt-trigger input, with internal 100
µA active pullup
4. Unused downstream ports should tie to ground through 15-k
Ω pulldown resisters.
5. IEEE 1284 compliant port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com