Electronic Components Datasheet Search
  English  ▼

X  

TUSB5152 Datasheet(PDF) 14 Page - Texas Instruments

Part # TUSB5152
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5152 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TUSB5152 Datasheet HTML 10Page - Texas Instruments TUSB5152 Datasheet HTML 11Page - Texas Instruments TUSB5152 Datasheet HTML 12Page - Texas Instruments TUSB5152 Datasheet HTML 13Page - Texas Instruments TUSB5152 Datasheet HTML 14Page - Texas Instruments TUSB5152 Datasheet HTML 15Page - Texas Instruments TUSB5152 Datasheet HTML 16Page - Texas Instruments TUSB5152 Datasheet HTML 17Page - Texas Instruments TUSB5152 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 84 page
background image
3–2
Table 3–1. Controller Pin Description (100-pin TQFP) (Continued)
NAME
PIN NO.
I/O
NOTES
3/5V
DESCRIPTION
OVCR2
21
I
(2)
Y
Port-2: Overcorrect indicator
DP3
12
I/O
(2)(4)
Port-3: Downstream differential data plus
DM3
11
I/O
(2)(4)
Port-3: Downstream differential data minus
PWRO3
24
O
(1)
Port-3: Power on/off control signal
OVCR3
20
I
(2)
Y
Port-3: Overcorrect indicator
DP4
15
I/O
(2)(4)
Port-4: Downstream differential data plus
DM4
14
I/O
(2)(4)
Port-4: Downstream differential data minus
PWRO4
23
O
(1)
Port-4: Power on/off control signal
OVCR4
19
I
(2)
Y
Port-4: Overcorrect indicator
DP5
18
I/O
(2)(4)
Port-5: Downstream differential data plus
DM5
17
I/O
(2)(4)
Port-5: Downstream differential data minus
SUSP
95
O
(1)
Suspend condition signal
MCU Port-1 (8-bits)
P1.0
50
I/O
(1)
Bit-0 GPIO
P1.1
49
I/O
(1)
Bit-1 GPIO
P1.2
48
I/O
(1)
Bit-2 GPIO
P1.3
47
I/O
(1)
Bit-3 GPIO
P1.4
45
I/O
(1)
Bit-4 GPIO
P1.5
44
I/O
(1)
Bit-5 GPIO
P1.6
43
I/O
(1)
Bit-6 GPIO
P1.7
42
I/O
(1)
Bit-7 GPIO
P3.0
34
I/O
(1)
Port-3.0
P3.1
35
I/O
(1)
Port-3.1
P3.3
39
I/O
(1)
Port-3.3
P3.4
40
I/O
(1)
Port-3.4
LED-1
41
I/O
(1)
ALE or LED-1 output
LED-2
37
O
(1)
External interrupt output or LED-2 output
LED-3
32
I/O
(1)
Write-signal input or LED-3 output
LED-4
31
I/O
(1)
Read-signal input or LED-4 output
1-DTR
94
O
(1)
UART1: Data terminal ready
1-RTS
93
O
(1)
UART1: Request to send
1-SOUT
92
O
(1)
UART1: Serial output data
1-SIN
91
I
(3)
UART1: Serial input data
1-DCD
90
I
(2)
UART1: Data carrier detect
1-DSR
89
I
(2)
UART1: Data set ready
1-CTS
87
I
(2)
UART1: Clear to send
1-RI
85
I
(2)
UART1: Ring indicator
2-DTR
84
O
(1)
UART2: Data terminal ready
2-RTS
83
O
(1)
UART2: Request to send
2-SOUT
82
O
(1)
UART2: Serial output data
2-SIN
81
I
(3)
UART2: Serial input data
2-DCD
80
I
(2)
UART2: Data carrier detect
2-DSR
79
I
(2)
UART2: Data set ready
2-CTS
78
I
(2)
UART2: Clear to send



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com