Electronic Components Datasheet Search
  English  ▼

X  

TUSB5152 Datasheet(PDF) 43 Page - Texas Instruments

Part # TUSB5152
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5152 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TUSB5152 Datasheet HTML 39Page - Texas Instruments TUSB5152 Datasheet HTML 40Page - Texas Instruments TUSB5152 Datasheet HTML 41Page - Texas Instruments TUSB5152 Datasheet HTML 42Page - Texas Instruments TUSB5152 Datasheet HTML 43Page - Texas Instruments TUSB5152 Datasheet HTML 44Page - Texas Instruments TUSB5152 Datasheet HTML 45Page - Texas Instruments TUSB5152 Datasheet HTML 46Page - Texas Instruments TUSB5152 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 84 page
background image
6–3
6.1.2
DMACSR[2–1]: DMA Control and Status Register (2 UART Transmit Channels)
This register is used to define the transaction-timeout value. In addition, it contains a completion code that reports
any errors or a time-out condition.
TEN
C4
C3
C2
C1
C0
TXFT
PPKT
7
6
5
4
32
10
R/W
R/W
R/W
R/W
R/W
R/W
R/C
R/C
BIT
NAME
RESET
FUNCTION
0
PPKT
0
Partial packet condition bit. This bit is set by the DMA and cleared by the MCU (see Table 6–2).
PPKT = 0
No partial-packet condition
PPKT = 1
Partial-packet condition detected. When IEN =0, this bit does not clear the EN bit in DMACDR;
therefore, the DMAC stays enabled, ready for the next transaction. Clears when MCU writes a 1.
Writing a 0 has no effect.
1
TXFT
0
Transfer time-out condition (see Table 6–2)
TXFT = 0
DMA stopped transfer without time-out
TXFT = 1
DMA stopped due to transaction timeout. When IEN = 0, this bit does not clear the EN bit in
DMACDR; therefore, the DMAC stays enabled, ready for the next transaction. DMA clears when the
MCU writes a 1. Writing a 0 has no effect.
6-2
C[4:0]
0
This field is used to define the transaction time-out value in 1ms increments. This value is loaded to a down counter
every time a byte transfer occurs. The down counter is decremented every SOF pulse (1ms). If the counter
decrements to zero it sets TXFT = 1 (in DMACSR register) and halts the DMA transfer. The counter starts counting
only when TEN = 1 and EN = 1 (in DMACDR)
and the first byte has been transmitted. See Figure 6–1).
00000 = 0 ms time-out
:
:
11111 = 31ms time-out
7
TEN
0
Transaction time-out counter enable/disable bit
TEN = 0 Counter is disabled (does
not time out).
TEN = 1 Counter is enabled.
Table 6–2. DMA OUT-Termination Condition
OUT-TERMINATION
TXFT
PPKT
COMMENTS
UART partial-packet
0
1
This condition occurs when host sends a partial packet.
UART time-out
1
0
This condition occurs when X & Y output-buffers are full and the UART transmitter cannot trans-
mit (due to flow-control restriction) or if host has no data to transmit.
Counter
C (0–4)
TXFT
Load
SOF
TEN
EN
Figure 6–1. Transaction Time-Out Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com