Electronic Components Datasheet Search
  English  ▼

X  

TUSB5152 Datasheet(PDF) 67 Page - Texas Instruments

Part # TUSB5152
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5152 Datasheet(HTML) 67 Page - Texas Instruments

Back Button TUSB5152 Datasheet HTML 63Page - Texas Instruments TUSB5152 Datasheet HTML 64Page - Texas Instruments TUSB5152 Datasheet HTML 65Page - Texas Instruments TUSB5152 Datasheet HTML 66Page - Texas Instruments TUSB5152 Datasheet HTML 67Page - Texas Instruments TUSB5152 Datasheet HTML 68Page - Texas Instruments TUSB5152 Datasheet HTML 69Page - Texas Instruments TUSB5152 Datasheet HTML 70Page - Texas Instruments TUSB5152 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 84 page
background image
8–7
8.4
Host IN/OUT Transaction From/To P-Port
8.4.1
Host IN Transaction
Figure 8–2 illustrates the data flow for a USB IN transaction (from P-port to host) using the DMA transfer.
The MCU sets the IEDB (input-EDB) with the proper parameters (start-address, byte-count, etc.). In addi-
tion, the MCU sets the DMA and P-port transfer direction. Once initialization has completed, MCU starts
the DMA transfer by setting EN = 1 (DMA is in continuous mode). Initially, the UBM NAKs the host be-
cause the buffer is empty (NAK = 1). Once the DMA completes the 64-byte transfer to the X-Buffer, it up-
dates the byte-count (and sets NAK = 0) in IEDB and switches to the Y-buffer (DMA controls the X/Y-bit).
The UBM starts transmitting the X-Buffer to host and the DMA transfers data from the parallel port to the
Y-Buffer. When the UBM completes the transfer, it sets NAK = 1 indicating to the DMA that the buffer is
ready. This ping-pong transfer continues until the MCU halts the transfer (or times out). If for any reason
the DMA does not transfer a full 64-bytes, it updates the (partial) byte-count value (and sets NAK = 0) in
IEDB, and interrupts the MCU. The UBM uses this count to transfer a partial packet to host. Note: the
DMA increments the byte-count and save it in IEDB at the end of the transfer. On the other hand, the
UBM uses the byte-count from IEDB as the transfer count but does not update the IEDB at the end of the
transfer, i.e., the DMA both increments and updates; the UBM only decrements.
UBM
64 Byte
Y-Buffer
64 Byte
X-Buffer
DMA5
DIR = 1
PPDAT
Host
P-Port
UBM uses the X/Y-bit to
select X/Y-buffers. UBM uses the
byte count in IEDB for the IN
transfer. At the end of transfer
UBM sets NAK = 1
DMA sets the X/Y-bit. At the end of
transfer, DMA updates the IEDB
with the byte count (and NAK = 0)
and toggles the X/Y–bit.
Figure 8–2. USB IN Transaction From P-Port (DMA CNT mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com