Electronic Components Datasheet Search
  English  ▼

X  

AD9144BCPZ Datasheet(PDF) 48 Page - Analog Devices

Part # AD9144BCPZ
Description  Digital-to-Analog Converter
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9144BCPZ Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9144BCPZ Datasheet HTML 44Page - Analog Devices AD9144BCPZ Datasheet HTML 45Page - Analog Devices AD9144BCPZ Datasheet HTML 46Page - Analog Devices AD9144BCPZ Datasheet HTML 47Page - Analog Devices AD9144BCPZ Datasheet HTML 48Page - Analog Devices AD9144BCPZ Datasheet HTML 49Page - Analog Devices AD9144BCPZ Datasheet HTML 50Page - Analog Devices AD9144BCPZ Datasheet HTML 51Page - Analog Devices AD9144BCPZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 125 page
background image
AD9144
Data Sheet
Rev. B | Page 48 of 125
Table 46. Single-Link JESD204B Operating Modes
Mode
Parameter
0
1
2
3
4
5
6
7
9
10
M (Converter Count)
4
4
4
4
2
2
2
2
1
1
L (Lane Count)
8
8
4
2
4
4
2
1
2
1
S (Samples per Converter per Frame)
1
2
1
1
1
2
1
1
1
1
F (Octets per Frame, per Lane)
1
2
2
4
1
2
2
4
1
2
K1 (Frames per Multiframe)
32
16/32
16/32
16/32
32
16/32
16/32
16/32
32
16/32
HD (High Density)
1
0
0
0
1
0
0
0
1
0
N (Converter Resolution)
16
16
16
16
16
16
16
16
16
16
NP (Bits per Sample)
16
16
16
16
16
16
16
16
16
16
Example Clocks for 10 Gbps Lane Rate
PClock Rate (MHz)
250
250
250
250
250
250
250
250
250
250
Frame Clock Rate (MHz)
1000
500
500
250
1000
500
500
250
1000
500
Data Rate (MHz)
1000
1000
500
250
1000
1000
500
250
1000
500
1
K must be 32 in Mode 0, Mode 4, and Mode 9. K can be 16 or 32 in all other modes.
Table 47. Dual-Link JESD204B Operating Modes for Link 0 and Link 1
Mode
Parameter
4
5
6
7
9
10
M (Converter Count)
2
2
2
2
1
1
L (Lane Count)
4
4
2
1
2
1
S (Samples per Converter per Frame)
1
2
1
1
1
1
F (Octets per Frame per Lane)
1
2
2
4
1
2
K1 (Frames per Multiframe)
32
16/32
16/32
16/32
32
16/32
HD (High Density)
1
0
0
0
1
0
N (Converter Resolution)
16
16
16
16
16
16
NP (Bits per Sample)
16
16
16
16
16
16
Example Clocks for 10 Gbps Lane Rate
PClock Rate (MHz)
250
250
250
250
250
250
Frame Clock Rate (MHz)
1000
500
500
250
1000
500
Data Rate (MHz)
1000
1000
500
250
1000
500
1
K must be 32 in Mode 4 and Mode 9. K can be 16 or 32 in all other modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com