Electronic Components Datasheet Search
  English  ▼

X  

AD9144BCPZ Datasheet(PDF) 78 Page - Analog Devices

Part # AD9144BCPZ
Description  Digital-to-Analog Converter
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9144BCPZ Datasheet(HTML) 78 Page - Analog Devices

Back Button AD9144BCPZ Datasheet HTML 74Page - Analog Devices AD9144BCPZ Datasheet HTML 75Page - Analog Devices AD9144BCPZ Datasheet HTML 76Page - Analog Devices AD9144BCPZ Datasheet HTML 77Page - Analog Devices AD9144BCPZ Datasheet HTML 78Page - Analog Devices AD9144BCPZ Datasheet HTML 79Page - Analog Devices AD9144BCPZ Datasheet HTML 80Page - Analog Devices AD9144BCPZ Datasheet HTML 81Page - Analog Devices AD9144BCPZ Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 125 page
background image
AD9144
Data Sheet
Rev. B | Page 78 of 125
Charge pump calibration is run during the first power-up of
the PLL, and the coefficient of the calibration is held for all
subsequent starts. The PLL is enabled by writing 0x10 into
Register 0x083; however, the configuration registers must be
programmed before the PLL is enabled. The calibration tries to
match the up and down current, which minimizes the spurs at
the reference frequency that appears at the DAC output. The
charge pump calibration takes 64 reference clock cycles. Bit 5
in Register 0x084 notifies the user that the charge pump
calibration is completed and is valid.
Temperature Tracking
When properly configured, the device automatically selects one
of the 512 VCO bands. The PLL settings selected by the device
ensure that the PLL remains locked over the full −40°C to +85°C
operating temperature range of the device without further
adjustment. The PLL remains locked over the full temperature
range even if the temperature during initialization is at one of
the temperature extremes. Check the PLL lock bit to make sure
that the calibration completed properly. The PLL lock bit is Bit 1
of Register 0x084.
To properly configure temperature tracking, follow the settings
in the DAC PLL Fixed Register Writes section and the fVCO
dependent SPI writes shown in Table 83.
Table 83. VCO Control Lookup Table Reference
VCO Frequency
Range (GHz)
Register
0x1B5
Setting
Register
0x1BB
Setting
Register
0x1C5
Setting
fVCO < 6.3
0x08
0x03
0x07
6.3 ≤ fVCO < 7.25
0x09
0x03
0x06
fVCO ≥ 7.25
0x09
0x13
0x06
STARTING THE PLL
The programming sequence for the DAC PLL is as follows:
1. Program the registers in the DAC PLL Fixed Register
Writes section.
2. Determine the VCO frequency based on the DAC
frequency requirements.
3. Determine the VCO divider ratio to achieve the desired
DAC frequency. Program the VCO divider ratio in
Register 0x08B[1:0].
4. Determine the BCount ratio to achieve the desired PLL
reference frequency (35 MHz to 80 MHz). Program the
BCount ratio in Register 0x085[7:0].
5. Determine the reference divider ratio to achieve the
desired PLL reference frequency. Program the reference
divider ratio in Register 0x08C[2:0].
6. Based on the fVCO found in Step 2, write the temperature
tracking registers as shown in Table 83.
7. Enable the DAC PLL synthesizer by setting Register 0x083[4]
to 1.
Register 0x084[5] notifies the user that the DAC PLL calibration is
completed and is valid.
Register 0x084[1] notifies the user that the PLL has locked.
Register 0x084[7] and Register 0x084[6] notify the user that the
DAC PLL hit the upper or lower edge of its operating band,
respectively. If either of these bits are high, recalibrate the DAC
PLL by setting Register 0x083[7] to 0 and then 1.
DAC PLL IRQ
The DAC PLL lock and lost signals are available as IRQ events.
Use Register 0x01F[5:4] to enable these signals, and then use
Register 0x023[5:4] to read back their statuses and reset the IRQ
signals. See the Interrupt Request Operation section for more
information.
LC VCO
6GHz
TO
12GHz
4-BIT
PROGRAMMABLE,
INTEGRATED
LOOP FILTER
CHARGE
PUMP
PFD
80MHz
MAX
RETIMER
UP
DOWN
fREF
35MHz
TO 1GHz
B COUNTER
RefDivFactor
0.1mA TO 6.4mA
FO CAL
ALC CAL
CAL CONTROL BITS
R1
R3
C1
C2
C3
VCO
LDO
MUX/SELECTABLE BUFFERS
÷2
÷2
I
Q
I
Q
I
Q
÷2
÷2
DAC CLOCK
420MHz TO 2.8GHz
BCount (INTEGER FEEDBACK DIVIDER)
RANGE = 6 TO 127
LODivFactor =
4, 8, 16
÷2
÷2
÷4
÷8
÷16
÷1
Figure 79. Device Clock PLL Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com