Electronic Components Datasheet Search
  English  ▼

X  

AD9144BCPZ Datasheet(PDF) 79 Page - Analog Devices

Part # AD9144BCPZ
Description  Digital-to-Analog Converter
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9144BCPZ Datasheet(HTML) 79 Page - Analog Devices

Back Button AD9144BCPZ Datasheet HTML 75Page - Analog Devices AD9144BCPZ Datasheet HTML 76Page - Analog Devices AD9144BCPZ Datasheet HTML 77Page - Analog Devices AD9144BCPZ Datasheet HTML 78Page - Analog Devices AD9144BCPZ Datasheet HTML 79Page - Analog Devices AD9144BCPZ Datasheet HTML 80Page - Analog Devices AD9144BCPZ Datasheet HTML 81Page - Analog Devices AD9144BCPZ Datasheet HTML 82Page - Analog Devices AD9144BCPZ Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 125 page
background image
Data Sheet
AD9144
Rev. B | Page 79 of 125
ANALOG OUTPUTS
TRANSMIT DAC OPERATION
Figure 80 shows a simplified block diagram of the transmit path
DACs. The DAC core consists of a current source array, a switch
core, digital control logic, and full-scale output current control.
The DAC full-scale output current (IOUTFS) is nominally 20.48 mA.
The output currents from the OUTx± pins are complementary,
meaning that the sum of the two currents always equals the full-
scale current of the DAC. The digital input code to the DAC
determines the effective differential current delivered to the load.
OUT3+
OUT3–
OUT2+
OUT2–
OUT1+
OUT1–
OUT0+
OUT0–
CURRENT
SCALING
Q DACs
FULL-SCALE
ADJUST
I DACs
FULL-SCALE
ADJUST
1.2V
4kΩ
I120
DAC3
DAC2
DAC1
DAC0
Figure 80. Simplified Block Diagram of DAC Core
The DAC has a 1.2 V band gap reference. A 4 kΩ external
resistor, RSET, must be connected from the I120 pin to the
ground plane. This resistor, along with the reference control
amplifier, sets up the correct internal bias currents for the DAC.
Because the full-scale current is inversely proportional to this
resistor, the tolerance of RSET is reflected in the full-scale output
amplitude.
DACFSC_x (where x is a number from 0 to 3 that corresponds
to DAC0 through DAC3) is a 10-bit twos complement value
that controls the full-scale current of each of the four DAC outputs.
These values are stored in Register 0x040 to Register 0x047, as
shown in Table 84.
The typical full-scale current for each DAC is given by:
IOUTFS = 20.45 + (DACFSC_x × 6.55 mA)/2(10− 1)
For nominal values of VREF (1.2 V), RSET (4 kΩ), and DACFSC_x
(0, which is midscale in twos complement), the full-scale current
of the DAC is typically 20.48 mA. The DAC full-scale current
can be adjusted from 13.9 mA to 27.0 mA, by programming the
appropriate DACFSC_x values in Register 0x040 to Register 0x047.
Analog output full-scale current vs. DAC gain code is plotted in
Figure 81.
Table 84. DAC Full-Scale Current Registers
Address
Value
Description
0x040[1:0]
DACFSC_0[9:8]
Dual A I DAC MSB gain code
0x041[7:0]
DACFSC_0[7:0]
Dual A I DAC LSB gain code
0x042[1:0]
DACFSC_1[9:8]
Dual A Q DAC MSB gain code
0x043[7:0]
DACFSC_1[7:0]
Dual A Q DAC LSB gain code
0x044[1:0]
DACFSC_2[9:8]
Dual B I DAC MSB gain code
0x045[7:0]
DACFSC_2[7:0]
Dual B I DAC LSB gain code
0x046[1:0]
DACFSC_3[9:8]
Dual B Q DAC MSB gain code
0x047[7:0]
DACFSC_3[7:0]
Dual B Q DAC LSB gain code
28
–512
512
384
256
128
0
GAIN DAC CODE
–128
–256
–384
26
24
22
20
18
16
14
12
Figure 81. DAC Full-Scale Current (IOUTFS) vs. DAC Gain Code
Transmit DAC Transfer Function
The output currents from the OUTx+ and OUTx− pins are
complementary, meaning that the sum of the positive and negative
currents always equals the full-scale current of the DAC. The
digital input code to the DAC determines the effective differential
current delivered to the load. OUTx± provides the maximum
output current when all bits are high for binary data. The
output currents vs. DACCODE for the DAC outputs using
binary format are expressed as
OUTFS
N
BIN
OUTP
I
DACCODE
I
×
−
=
1
2
(5)
OUTP
OUTFS
OUTN
I
I
I
−
=
(6)
where DACCODEBIN is the 16-bit input to the DAC in unsigned
binary. DACCODEBIN has a range of 0 to 2N − 1.
If the data format is twos complement, the output currents are
expressed as
OUTFS
N
N
TWOS
OUTP
I
DACCODE
I
×
−
+
=
−
1
2
2 1
(7)
OUTP
OUTFS
OUTN
I
I
I
−
=
(8)
where DACCODETWOS is the 16-bit input to the DAC in twos
complement. DACCODETWOS has a range of −2N− 1 to 2N − 1 − 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com