Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 169 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 169 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 165Page - Intel Corporation SCD1284 Datasheet HTML 166Page - Intel Corporation SCD1284 Datasheet HTML 167Page - Intel Corporation SCD1284 Datasheet HTML 168Page - Intel Corporation SCD1284 Datasheet HTML 169Page - Intel Corporation SCD1284 Datasheet HTML 170Page - Intel Corporation SCD1284 Datasheet HTML 171Page - Intel Corporation SCD1284 Datasheet HTML 172Page - Intel Corporation SCD1284 Datasheet HTML 173Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
169
9.0
Package Dimensions
NOTES:
1. Dimensions are in millimeters (inches), and controlling dimension is millimeter.
2. Before beginning any new design with this device, please contact Intel for the latest package information.
Pin 1 Indicator
Pin 1
19.90 (0.783)
22.95 (0.904)
23.45 (0.923)
20.10 (0.791)
16.95 (0.667)
17.45 (0.687)
13.90 (0.547)
14.10 (0.555)
0.13 (0.005)
0.23 (0.009)
1.60 (0.063) REF
2.57 (0.101)
2.87 (0.113)
0.65 (0.026)
0.95 (0.037)
0° MIN
7° MAX
0.22 (0.009)
0.38 (0.015)
0.65
(0.0256)
BSC
Pin 100
3.40
0.25
(0.134)
MAX
(0.010)
MIN
CD1284
100-Pin MQFP (JEDEC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com