Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 172 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 172 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 168Page - Intel Corporation SCD1284 Datasheet HTML 169Page - Intel Corporation SCD1284 Datasheet HTML 170Page - Intel Corporation SCD1284 Datasheet HTML 171Page - Intel Corporation SCD1284 Datasheet HTML 172Page - Intel Corporation SCD1284 Datasheet HTML 173Page - Intel Corporation SCD1284 Datasheet HTML 174Page - Intel Corporation SCD1284 Datasheet HTML 175Page - Intel Corporation SCD1284 Datasheet HTML 176Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 172 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
172
Datasheet
12.0
Appendix B
Figure 34. UART to RS232 and IR Port Interface Motherboard Example Schematic
VA+
VD+
AGND
PINC
PINA
LED1C
LED2C
RESET
TGND1 TGND2 DGND
EXTCLK
XTALIN
XTALOUT
RXD
FORM/BSY
TXD
D/C
PWRDN
CLKFR
8
12
5
7
6
1
4
19
17
18
13
16
14
15
10
9
2320
0.1 mF
+
10 mF
+3V
0.1 mF
+
10 mF
+
47 mF
+3V
10 OHM
5.2 W (2)
5.2 W (2)
3.6864 MHz
CS8130
BPV23NF
TSHA5502
CIA-
CIA+
MAX562
VCC
CIB-
CIB+
T1OUT
T2OUT
R1IN
R2IN
V-
V+
GND
27
28
26
3
4
1
5
2
0.33 mF
+3V
0.33 mF
0.33 mF
C2+
C2-
24
25
0.33 mF
0.68 mF
0.33 mF
5
20
21
22
23
DTR
R1OUT
R2OUT
R3OUT
R5OUT
R4OUT
EN
SHDN
15
14
R3IN
R4IN
R5IN
T3OUT
T2IN
T1IN
T3IN
16
17
18
19
9
8
7
6
13
12
11
10
RTS
TXD
RXD
DCD
RI
DSR
CTS
6
8
2
1
9
4
7
3
DTR
RTS
TXD
RXD
DCD
RI
DSR
CTS
SG
CD1284
RS-232/IR
SELECT
11
NOTES:
(1) This circuit has not yet been
built and debugged.
(2) Choice of LED, power consumption,
and physical positioning will affect R value.
DB9
Serial
Connector
(COM PORT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com