Electronic Components Datasheet Search
  English  ▼

X  

8421 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 8421
Description  AXL E EIP DI16 M12 6M
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8421 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  8421 Datasheet HTML 1Page - PHOENIX CONTACT 8421 Datasheet HTML 2Page - PHOENIX CONTACT 8421 Datasheet HTML 3Page - PHOENIX CONTACT 8421 Datasheet HTML 4Page - PHOENIX CONTACT 8421 Datasheet HTML 5Page - PHOENIX CONTACT 8421 Datasheet HTML 6Page - PHOENIX CONTACT 8421 Datasheet HTML 7Page - PHOENIX CONTACT 8421 Datasheet HTML 8Page - PHOENIX CONTACT 8421 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
AXL E EIP DI16 M12 6M
8421_en_02
PHOENIX CONTACT
5
EtherNet/IP™
Equipment type
EtherNet/IP™ slave
EtherNet/IP™ protocols
ACD, DLR, IGMP v2
Additional protocols
SNMP v1, HTTP, TFTP, FTP, BootP, DHCP
Specification
CIP Edition 3.11
EIP adaptation of CIP 1.12
Supply: Module electronics and sensors (U
S)
Connection method
M12 connector (T-coded)
Number of positions
4
Supply voltage
24 V DC
Nominal supply voltage range
18 V DC ... 31.2 V DC (including all tolerances, including ripple)
Typical current consumption
190 mA ±15 % (at 24 V DC)
Current consumption
max. 12 A
Supply: Actuators (U
A) for additional devices
Connection method
M12 connector (T-coded)
Number of positions
4
Supply voltage
24 V DC
Nominal supply voltage range
18 V DC ... 31.2 V DC (including all tolerances, including ripple)
Typical current consumption
3 mA ±15 % (at 24 V DC)
Current consumption
max. 12 A
Digital inputs
Number of inputs
16 (EN 61131-2 types 1 and 3)
Connection method
M12 connector, double occupancy
Connection method
2, 3, 4-wire
Nominal input voltage
24 V DC
Nominal input current
typ. 3 mA
Sensor current per channel
typ. 0.75 mA (from U
S)
Total sensor current
max. 1.2 A (per device)
Input voltage range "0" signal
-30 V DC ... 5 V DC
Input voltage range "1" signal
11 V DC ... 30 V DC
Input filter time
< 1000 µs
Permissible conductor length to the sensor
30 m
Overload protection, short-circuit protection of sensor supply
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com