Electronic Components Datasheet Search
  English  ▼

X  

8421 Datasheet(PDF) 12 Page - PHOENIX CONTACT

Part # 8421
Description  AXL E EIP DI16 M12 6M
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8421 Datasheet(HTML) 12 Page - PHOENIX CONTACT

Back Button 8421 Datasheet HTML 8Page - PHOENIX CONTACT 8421 Datasheet HTML 9Page - PHOENIX CONTACT 8421 Datasheet HTML 10Page - PHOENIX CONTACT 8421 Datasheet HTML 11Page - PHOENIX CONTACT 8421 Datasheet HTML 12Page - PHOENIX CONTACT 8421 Datasheet HTML 13Page - PHOENIX CONTACT 8421 Datasheet HTML 14Page - PHOENIX CONTACT 8421 Datasheet HTML 15Page - PHOENIX CONTACT 8421 Datasheet HTML 16Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
AXL E EIP DI16 M12 6M
8421_en_02
PHOENIX CONTACT
12
Each additional startup
The device transmits continuous DHCP requests.
There are two possible scenarios:
1.
The DHCP server assigns a new IP address.
 The device applies the new IP parameters.
2.
The DHCP server does not respond.
 The device transmits continuous DHCP Discover
messages until new IP parameters have been received.
9.4
Fixed address
Switch position 0A
Behavior during initial startup, after resetting the IP
parameters or after resetting to default settings
A valid IP address is not assigned (0.0.0.0) and communica-
tion is therefore not possible.
Assign an address initially with another switch position.
Each additional startup
After a voltage reset, the device maintains the IP address
which was assigned last.
9.5
Resetting IP parameters
Switch position 0E
The IP parameters stored on the device are reset.
All other settings made on the device are retained.
–
BootP is activated for switch position 00.
–
IP address, subnet mask: 0.0.0.0
As long as the switch position 0E remains selected, no con-
nection to the device can be established.
IP communication is deactivated (LED NET static yellow).
9.6
Resetting to the default settings
Switch position 0F
All settings are reset to default settings, including IP param-
eters.
9.7
Reserved/invalid switch position
The device starts with the previous settings, e.g.,  with the
settings that were valid before the device was restarted.
An invalid switch position is indicated by the RDY LED (red
on).
With this switch position, modifying the IP ad-
dress via tools or web-based management is
not possible.
The device is ready for operation after power-
ing up, as soon as the RDY LED lights up
green.
A connection to the device however cannot be
established in this switch position.
As soon as the RDY LED lights up green, a
new switch position can be selected on the ro-
tary encoding switch and the device can be
restarted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com