Electronic Components Datasheet Search
  English  ▼

X  

8421 Datasheet(PDF) 19 Page - PHOENIX CONTACT

Part # 8421
Description  AXL E EIP DI16 M12 6M
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8421 Datasheet(HTML) 19 Page - PHOENIX CONTACT

Back Button 8421 Datasheet HTML 15Page - PHOENIX CONTACT 8421 Datasheet HTML 16Page - PHOENIX CONTACT 8421 Datasheet HTML 17Page - PHOENIX CONTACT 8421 Datasheet HTML 18Page - PHOENIX CONTACT 8421 Datasheet HTML 19Page - PHOENIX CONTACT 8421 Datasheet HTML 20Page - PHOENIX CONTACT 8421 Datasheet HTML 21Page - PHOENIX CONTACT 8421 Datasheet HTML 22Page - PHOENIX CONTACT 8421 Datasheet HTML 23Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
AXL E EIP DI16 M12 6M
8421_en_02
PHOENIX CONTACT
19
11.7
Device level ring object (class code 47
hex)
Class attributes
Instance attributes
Common services
Attribute
Name
Access
Data type
Value
1Version
Get
UINT
2
Attribute
Name
Access
Datentyp
Wert/ Beschreibung
1
Network topology
Get
USINT
0 = Linear
1 = Ring
2
Network status
Get
USINT
0 = Normal
1 = Ring fault
2 = Unexpected loop detected
3 = Partial network fault
4 = Rapid fault/Restore cycle
10
Active supervisor
address
Get
STRUCT of:
IP and/or MAC adress of the active ring supervisor
UDINT
Supervisor IP address
ARRAY of 6
USINTs
Supervisor MAC adress
12
Capability flags
Get
DWORD
Bit 0
Announced-based ring node
Bit 1
Beacon-based ring note
Bit 2 ... Bit 4
Reserved
Bit 5
Supervisor capable
Bit 6 ... Bit 31
Reserved
Service code
Class
Instance
Service name
dec
hex
1
01
Yes
Yes
Get_Attribute_Single
14
0E
Yes
Yes
Set_Attribute_Single



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com