Electronic Components Datasheet Search
  English  ▼

X  

8421 Datasheet(PDF) 22 Page - PHOENIX CONTACT

Part # 8421
Description  AXL E EIP DI16 M12 6M
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8421 Datasheet(HTML) 22 Page - PHOENIX CONTACT

Back Button 8421 Datasheet HTML 18Page - PHOENIX CONTACT 8421 Datasheet HTML 19Page - PHOENIX CONTACT 8421 Datasheet HTML 20Page - PHOENIX CONTACT 8421 Datasheet HTML 21Page - PHOENIX CONTACT 8421 Datasheet HTML 22Page - PHOENIX CONTACT 8421 Datasheet HTML 23Page - PHOENIX CONTACT 8421 Datasheet HTML 24Page - PHOENIX CONTACT 8421 Datasheet HTML 25Page - PHOENIX CONTACT 8421 Datasheet HTML 26Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
AXL E EIP DI16 M12 6M
8421_en_02
PHOENIX CONTACT
22
Common services
5
Interface configuration
Get, Set
STRUCT of:
TCP/IP network interface configuration
IP address
UDINT
The device’s IP address
Network mask
UDINT
The device’s network mask
Gateway address
UDINT
Default gateway address
Name server
UDINT
Primary name server (always 0.0.0.0)
Name server 2
UDINT
Secondary name server (always 0.0.0.0)
Domain name
STRING
Default domain name (always empty)
6
Host name
Get, Set
STRING
The device’s host name
10
SelectAcd
Get, Set
BOOL
0 = disable; 1 = enable (default)
11
Last conflict detected
Set
STRUCT of:
Structure containing information related to the last con-
flict detected
AcdActivity
USINT
State of ACD activity when last conflict detected
0 = Noconflictdetected (default)
1 = ProbeIpv4Address
2 = OngoingDetection
3 = SemiActiveProbe
Remote MAC
ARRAY of
6 USINTs
MAC address of remote node from the ARP PDU in
which a conflict was detected
ArpPdu
Array of
28 USINTs
Copy of the raw ARP PDU in which a conflict was de-
tected.
12
Ethernet/IP quick connect
Get, Set
BOOL
0 = disable (default); 1 = enable
Attribute
Name
Acess
Data type
Description
Service code
Class
Instance
Service name
dec
hex
1
01
Yes
Yes
Get_Attribute_All
14
0E
Yes
Yes
Get_Attribute_Single
16
10
No
Yes
Set_Attribute_Single



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com